Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF545 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BLF545
Description  UHF push-pull power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF545 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BLF545 Datasheet HTML 2Page - NXP Semiconductors BLF545 Datasheet HTML 3Page - NXP Semiconductors BLF545 Datasheet HTML 4Page - NXP Semiconductors BLF545 Datasheet HTML 5Page - NXP Semiconductors BLF545 Datasheet HTML 6Page - NXP Semiconductors BLF545 Datasheet HTML 7Page - NXP Semiconductors BLF545 Datasheet HTML 8Page - NXP Semiconductors BLF545 Datasheet HTML 9Page - NXP Semiconductors BLF545 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
October 1992
6
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF545
APPLICATION INFORMATION FOR CLASS-B OPERATION
Th = 25 °C; Rth mb-h = 0.25 K/W, unless otherwise specified.
RF performance in a common source, class-B, push-pull circuit.
MODE OF OPERATION
f
(MHz)
VDS
(V)
IDQ
(mA)
PL
(W)
GP
(dB)
ηD
(%)
CW, class-B
500
28
2
× 40
40
> 11
typ. 13
> 50
typ. 60
Ruggedness in class-B operation
The BLF545 is capable of withstanding a full load
mismatch corresponding to VSWR = 50 through all phases
under the following conditions:
VDS = 28 V; f = 500 MHz at rated output power.
Fig.9
Power gain and efficiency as functions of
load power, typical values per section.
Class-B operation; VDS = 28 V; IDQ = 2 × 40 mA;
ZL = 4.2 + j6.2 Ω (per section); f = 500 MHz.
handbook, halfpage
060
24
0
8
16
20
20
40
60
80
Gp
(dB)
40
MBK464
PL (W)
Gp
ηD
ηD
(%)
Fig.10 Load power as a function of input power,
typical values per section.
Class-B operation; VDS = 28 V; IDQ = 2 × 40 mA;
ZL = 4.2 + j6.2 Ω (per section); f = 500 MHz.
handbook, halfpage
0
60
40
20
0
2
PL
(W)
PIN (W)
6
48
MBK465



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com