Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF545 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BLF545
Description  UHF push-pull power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF545 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BLF545 Datasheet HTML 4Page - NXP Semiconductors BLF545 Datasheet HTML 5Page - NXP Semiconductors BLF545 Datasheet HTML 6Page - NXP Semiconductors BLF545 Datasheet HTML 7Page - NXP Semiconductors BLF545 Datasheet HTML 8Page - NXP Semiconductors BLF545 Datasheet HTML 9Page - NXP Semiconductors BLF545 Datasheet HTML 10Page - NXP Semiconductors BLF545 Datasheet HTML 11Page - NXP Semiconductors BLF545 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
October 1992
11
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF545
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
SOT268A
97-06-28
0
5
10 mm
scale
Flanged double-ended ceramic package; 2 mounting holes; 4 leads
SOT268A
D
U1
H1
1
2
4
3
5
A
U2
H
E
P
b
Q
F
c
M
C
A
w3
M
C
w2
e
q
B
w1
AB
M
UNIT
A
mm
D
b
1.66
1.39
0.13
0.07
12.96
12.44
6.45
17.02
16.00
6.61
6.35
4.91
4.19
c
EU2
0.26
0.51
1.02
w3
18.42
qw2
w1
F
2.04
1.77
U1
24.90
24.63
H1
8.23
7.72
p
3.43
3.17
Q
2.67
2.41
e
6.48
6.22
inches
0.065
0.055
0.005
0.003
0.510
0.490
0.254
0.670
0.630
0.260
0.250
0.193
0.165
0.01
0.02
0.04
0.725
0.080
0.070
0.980
0.970
0.324
0.304
0.135
0.125
0.105
0.095
0.255
0.245
H
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com