Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF545 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLF545
Description  UHF push-pull power MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF545 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLF545 Datasheet HTML 4Page - NXP Semiconductors BLF545 Datasheet HTML 5Page - NXP Semiconductors BLF545 Datasheet HTML 6Page - NXP Semiconductors BLF545 Datasheet HTML 7Page - NXP Semiconductors BLF545 Datasheet HTML 8Page - NXP Semiconductors BLF545 Datasheet HTML 9Page - NXP Semiconductors BLF545 Datasheet HTML 10Page - NXP Semiconductors BLF545 Datasheet HTML 11Page - NXP Semiconductors BLF545 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
October 1992
10
Philips Semiconductors
Product specification
UHF push-pull power MOS transistor
BLF545
Fig.13 Input impedance as a function of frequency
(series components), typical values per
section.
Class-B operation; VDS = 28 V; IDQ = 2 × 40 mA;
PL = 40 W.
handbook, halfpage
0
ri
xi
200
400
600
5
0
−10
−15
−5
MDA509
Zi
(
Ω)
f (MHz)
Fig.14 Load impedance as a function of frequency
(series components), typical values per
section.
Class-B operation; VDS = 28 V; IDQ = 2 × 40 mA;
PL = 40 W.
handbook, halfpage
0
RL
XL
200
400
600
20
15
5
0
10
MDA510
ZL
(
Ω)
f (MHz)
Fig.15 Power gain as a function of frequency,
typical values per section.
Class-B operation; VDS = 28 V; IDQ = 2 × 40 mA;
PL = 40 W.
handbook, halfpage
0
30
20
10
0
200
Gp
(dB)
f (MHz)
400
600
MDA529



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com