Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDEW0154M09 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 26Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 27Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 28Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 29Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 30Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 31Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 32Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 33Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
(8)
Deep Sleep (DSLP) (R07H)
Action
W/R C/D D7
D6
D5
D4
D3
D2
D1
D0
Deep Sleep
0
0
0
0
0
0
0
1
1
1
0
1
1
0
1
0
0
1
0
1
The command define as follows: After this command is transmitted, the chip would
enter the deep-sleep mode to save power.
The deep sleep mode would return to standby by hardware reset.
The only one parameter is a check code, the command would be excited if check code =
0xA5.
(9)
Data Start Transmission 1 (DTM1) (R10H)
Action
W/R C/D
D7
D6
D5
D4
D3
D2
D1
D0
Starting data
transmission
0
0
0
0
0
1
0
0
0
0
0
1
Pixel1 Pixel2 Pixel3 Pixel4 Pixel5 Pixel6 Pixel7 Pixel8
0
1
..
..
..
..
..
..
..
..
0
1
Pixel
(n-7)
Pixel
(n-6)
Pixel
(n-5)
Pixel
(n-4)
Pixel
(n-3)
Pixel
(n-2)
Pixel
(n-1)
Pixel
(n)
The command define as follows:
The register is indicates that user start to transmit data, then write to SRAM. While data
transmission complete, user must send command 11H. Then chip will start to send
data/VCOM for panel.
In BW mode, this command writes “OLD” data to SRAM.
In BWR mode, this command writes “B/W” data to SRAM.
In Program mode, this command writes “OTP” data to SRAM for programming.
(10) Data Stop (DSP) (R11H)
Action
W/R C/D
D7
D6
D5
D4
D3
D2
D1
D0
Stopping data
transmission
0
0
0
0
0
1
0
0
0
1
1
1 Data_flag
-
-
-
-
-
-
-
Check the completeness of data. If data is complete, start to refresh display.
Data_flag:
Data flag of receiving user data.
0: Driver didn’t receive all the data.
1: Driver has already received all the one-frame data (DTM1 and DTM2).
After “Data Start” (R10h) or “Data Stop” (R11h) commands and when data_flag=1, the
refreshing of panel starts and BUSY signal will become “0”.
GDEW0154M09
www.e-paper-display.com
30/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com