Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDEW0154M09 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 3Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 4Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 5Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 6Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 7Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 8Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 9Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 10Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
1.5 Input/Output Terminals
1.5-1) Pin out List
Pin # Type Single
Description
Remark
1
NC
No connection and do not connect with other NC pins Keep Open
2
O
GDR
N-Channel MOSFET Gate Drive Control
3
O
RESE
Current Sense Input for the Control Loop
4
C
VGL
Negative Gate driving voltage
5
C
VGH
Positive Gate driving voltage
6
O
TSCL
I2C Interface to digital temperature sensor Clock pin
7
I/O TSDA
I2C Interface to digital temperature sensor Date pin
8
I
BS1
Bus selection pin
Note 1.5-5
9
O
BUSY
Busy state output pin
Note 1.5-4
10
I
RES #
Reset
Note 1.5-3
11
I
D/C #
Data /Command control pin
Note 1.5-2
12
I
CS #
Chip Select input pin
Note 1.5-1
13
I/O
D0
serial clock pin (SPI)
14
I/O
D1
serial data pin (SPI)
15
I
VDDIO
Power for interface logic pins
16
I
VCI
Power Supply pin for the chip
17
VSS
Ground
18
C
VDD
Core logic power pin
19
C
VPP
Power Supply for OTP Programming
20
C
VSH
Positive Source driving voltage
21
C PREVGH
Power Supply pin for VGH and VSH
22
C
VSL
Negative Source driving voltage
23
C PREVGL
Power Supply pin for VCOM, VGL and VSL
24
C
VCOM
VCOM driving voltage
GDEW0154M09
www.e-paper-display.com
7/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com