Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDEW0154M09 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # GDEW0154M09
Description  1.54 inch E-paper Display Series
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GDEW0154M09 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button GDEW0154M09 Datasheet HTML 37Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 38Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 39Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 40Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 41Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 42Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 43Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 44Page - List of Unclassifed Manufacturers GDEW0154M09 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
(31) VCOM And Data Interval Setting (CDI)
(R50H)
Action
W/R C/D D7
D6
D5
D4
D3
D2
D1
D0
Set Interval Between
Vcom and Data
0
0
0
1
0
1
0
0
0
0
0
1
VBD[1:0] DDX[1:0]
CDI[3:0]
This command indicates the interval of Vcom and data output. When setting the vertical
back porch, the total blanking will be kept (20 Hsync).
VBD[1:0]:Border data selection
BWR mode (BWR=0)
DDX[0] VBD[1:0]
LUT
DDX[0]
VBD[1:0]
LUT
0
00
Floating
1(Default)
00
LUTB
01
LUTR
01
LUTW
10
LUTW
10
LUTR
11
LUTB
11(default) Floating
BW mode (BWR=1)
DDX[0] VBD[1:0]
LUT
DDX[0]
VBD[1:0]
LUT
0
00
Floating
1(Default)
00
Floating
01
LUTBW (1→0)
01
LUTWB (0→1)
10
LUTWB (0→1)
10
LUTBW (1→0)
11
Floating
11
Floating
Border output voltage level: The level selection is based on mapping LUT data.
Level Selection: 00b: VCOM 01b: VSH
10b: VSL
11b: VSHR
DDX[1:0]:
Data polality.
DDX[1] for RED data, DDX[0] for BW data in the BWR mode.
DDX[0] for BW mode.
BWR mode (BWR=0)
DDX[1:0] Data{Red, B/W} LUT DDX[1:0] Data{Red, B/W} LUT
00
00
LUTW
10
00
LUTR
01
LUTB
01
LUTR
10
LUTR
10
LUTW
11
LUTR
11
LUTB
01(Default)
00
LUTB
11
00
LUTR
01
LUTW
01
LUTR
10
LUTR
10
LUTB
11
LUTR
11
LUTW
GDEW0154M09
www.e-paper-display.com
41/58
1.54 inch Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com