Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ151 Datasheet(PDF) 13 Page - Pico Technology Ltd.

Part # PQ151
Description  FlexRes oscilloscopes and MSOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ151 Datasheet(HTML) 13 Page - Pico Technology Ltd.

Back Button PQ151 Datasheet HTML 9Page - Pico Technology Ltd. PQ151 Datasheet HTML 10Page - Pico Technology Ltd. PQ151 Datasheet HTML 11Page - Pico Technology Ltd. PQ151 Datasheet HTML 12Page - Pico Technology Ltd. PQ151 Datasheet HTML 13Page - Pico Technology Ltd. PQ151 Datasheet HTML 14Page - Pico Technology Ltd. PQ151 Datasheet HTML 15Page - Pico Technology Ltd. PQ151 Datasheet HTML 16Page - Pico Technology Ltd. PQ151 Datasheet HTML 17Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PicoScope® 5000D Series oscilloscopes
Oscilloscope controls:
Controls such as voltage
range, scope resolution,
channel enable, timebase
and memory depth.
Movable axes: The
vertical axes can
be dragged up and
down. This feature
is particularly useful
when one waveform
is obscuring another.
There’s also an
Auto Arrange Axes
command.
Views:
PicoScope 6
is carefully
designed to
make the best
use of the
display area. You
can add new
scope, spectrum
and XY views
with automatic
or custom
layouts.
Channel options:
Filtering, offset, resolution
enhancement, custom
probes and more.
Auto setup button:
Configures the collection
time and voltage range for
clear display of signals.
PicoScope 6 software
The display can be as simple or as
advanced as you need. Begin with
a single view of one channel, and
then expand the display to include
any number of live channels, math
channels and reference waveforms.
Waveform replay tools:
PicoScope 6 automatically
records up to 10,000 of the
most recent waveforms. You
can quickly scan through to
look for intermittent events,
or use the Buffer Navigator to
search visually.
Tools: Including
serial decoding,
reference
channels, macro
recorder, alarms,
mask limit
testing and math
channels.
Zoom overview: Click
and drag for quick
navigation in zoomed
views.
Trigger toolbar: Quick
access to main controls,
with advanced triggers
in a pop-up window.
Automatic measurements: Display calculated measurements
for troubleshooting and analysis. You can add as many
measurements as you need on each view. Each measurement
includes statistical parameters showing its variability.
Signal generator:
Generates standard
signals or arbitrary
waveforms.
Includes frequency
sweep mode.
Zoom and pan tools:
PicoScope 6 allows a
zoom factor of several
million, which is necessary
when working with the
deep memory of the
5000D Series scopes.
Ruler legend:
Absolute and
differential ruler
measurements
are listed here.
Rulers: Each
axis has two
rulers that can be
dragged across
the screen to
make quick
measurements
of amplitude,
time and
frequency.
Trigger marker: Drag
the yellow diamond to
adjust trigger level and
pre-trigger time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com