Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ151 Datasheet(PDF) 16 Page - Pico Technology Ltd.

Part # PQ151
Description  FlexRes oscilloscopes and MSOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ151 Datasheet(HTML) 16 Page - Pico Technology Ltd.

Back Button PQ151 Datasheet HTML 12Page - Pico Technology Ltd. PQ151 Datasheet HTML 13Page - Pico Technology Ltd. PQ151 Datasheet HTML 14Page - Pico Technology Ltd. PQ151 Datasheet HTML 15Page - Pico Technology Ltd. PQ151 Datasheet HTML 16Page - Pico Technology Ltd. PQ151 Datasheet HTML 17Page - Pico Technology Ltd. PQ151 Datasheet HTML 18Page - Pico Technology Ltd. PQ151 Datasheet HTML 19Page - Pico Technology Ltd. PQ151 Datasheet HTML 20Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
PicoScope® 5000D Series oscilloscopes
PicoScope 5000D Series
Technical Specifications
PicoScope 5242D
and 5242D MSO
2-channel, 60 MHz
PicoScope 5442D
and 5442D MSO
4-channel, 60 MHz
PicoScope 5243D
and 5243D MSO
2-channel, 100 MHz
PicoScope 5443D
and 5443D MSO
4-channel, 100 MHz
PicoScope 5244D
and 5244D MSO
2-channel, 200 MHz
PicoScope 5444D
and 5444D MSO
4-channel, 200 MHz
Input impedance
200 kΩ ±2% || 8 pF ±2 pF
Input dynamic range
±20 V
Threshold range
±5 V
Threshold grouping
Two independent threshold controls. Port 0: D0 to D7, Port 1: D8 to D15
Threshold selection
TTL, CMOS, ECL, PECL, user-defined
Threshold accuracy
< ±350 mV including hysteresis
Threshold hysteresis
< ±250 mV
Minimum input voltage swing
500 mV peak to peak
Channel-to-channel skew
2 ns, typical
Minimum input slew rate
10 V/µs
Overvoltage protection
±50 V (DC + AC peak)
Horizontal
Maximum sampling rate
Any 1 channel
Any 2 channels
Any 3 or 4 channels
More than 4 channels
8-bit mode
1 GS/s
500 MS/s
250 MS/s
125 MS/s
12-bit mode
500 MS/s
250 MS/s
125 MS/s
62.5 MS/s
14-bit mode
125 MS/s
125 MS/s
125 MS/s
62.5 MS/s
15-bit mode[4]
125 MS/s
125 MS/s
16-bit mode[4]
62.5 MS/s
”Channel” means any analog channel or 8-bit digital port.
Maximum equivalent sampling rate
(repetitive signals; 8-bit mode only,
ETS mode)
2.5 GS/s
5 GS/s
10 GS/s
Maximum sampling rate
(continuous USB streaming into PC
memory)[5]
USB 3, using PicoScope 6:
15 to 20 MS/s
USB 3, using PicoSDK:
125 MS/s (8-bit mode) or 62.5 MS/s (12 to 16-bit modes)
USB 2, using PicoScope 6:
8 to 10 MS/s
USB 2, using PicoSDK:
~30 MS/s (8-bit mode) or ~15 MS/s (12 to 16-bit modes)
Timebase ranges (real-time)
1 ns/div to 5000 s/div in 39 ranges
Fastest timebase (ETS)
500 ps/div
200 ps/div
100 ps/div
Buffer memory[6] (8-bit)
128 MS
256 MS
512 MS
Buffer memory[6] (≥ 12-bit)
64 MS
128 MS
256 MS
Buffer memory[7]
(continuous streaming)
100 MS in PicoScope 6 software
Waveform buffer (no. of segments) 10 000 in PicoScope 6 software
Waveform buffer (no. of segments)
when using PicoSDK
(8 bits)
250 000
500 000
1 000 000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com