Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ151 Datasheet(PDF) 3 Page - Pico Technology Ltd.

Part # PQ151
Description  FlexRes oscilloscopes and MSOs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ151 Datasheet(HTML) 3 Page - Pico Technology Ltd.

  PQ151 Datasheet HTML 1Page - Pico Technology Ltd. PQ151 Datasheet HTML 2Page - Pico Technology Ltd. PQ151 Datasheet HTML 3Page - Pico Technology Ltd. PQ151 Datasheet HTML 4Page - Pico Technology Ltd. PQ151 Datasheet HTML 5Page - Pico Technology Ltd. PQ151 Datasheet HTML 6Page - Pico Technology Ltd. PQ151 Datasheet HTML 7Page - Pico Technology Ltd. PQ151 Datasheet HTML 8Page - Pico Technology Ltd. PQ151 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
PicoScope® 5000D Series oscilloscopes
With its 16-bit resolution, the PicoScope 5000D Series can magnify low-level signals
at high zoom factors. This allows you to view and measure features such as noise and
ripple superimposed on larger DC or low-frequency voltages.
Additionally, you can use the Lowpass Filtering controls on each channel independently,
to hide noise and reveal the underlying signal.
PicoScope 6 software dedicates the majority of the display area to the waveform,
ensuring that the maximum amount of data is visible at all times. The size of the display
is only limited by the size of your computer’s monitor, so even with a laptop, the viewing
area is much bigger, with much higher resolution, than that of a benchtop scope.
With such a large display area available, you can create a customizable split-screen
display and view multiple channels or different views of the same signal at the same
time – the software can even show multiple oscilloscope and spectrum analyzer views
at once.
Each view has separate zoom, pan and filter settings for ultimate flexibility.
You can control the PicoScope 6 software using a mouse, touchscreen or customizable
keyboard shortcuts.
Advanced display
Low-level signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com