Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA430 Datasheet(PDF) 1 Page - Pico Technology Ltd.

Part # TA430
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA430 Datasheet(HTML) 1 Page - Pico Technology Ltd.

  TA430 Datasheet HTML 1Page - Pico Technology Ltd. TA430 Datasheet HTML 2Page - Pico Technology Ltd. TA430 Datasheet HTML 3Page - Pico Technology Ltd. TA430 Datasheet HTML 4Page - Pico Technology Ltd. TA430 Datasheet HTML 5Page - Pico Technology Ltd. TA430 Datasheet HTML 6Page - Pico Technology Ltd. TA430 Datasheet HTML 7Page - Pico Technology Ltd. TA430 Datasheet HTML 8Page - Pico Technology Ltd. TA430 Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Groundbreaking Pic
oVNA 5 software now available!
See inside...
6 GHz and 8.5 GHz vector network analyzers
PicoVNA® 100 Series
www.picotech.com
Professional and portable performance at low cost
300 kHz to 6 or 8.5 GHz operation
High speed, up to 5500 dual-port S-parameters per second
> 10 000 S
11 + S21 per second
Quad RX four-receiver architecture for best accuracy
Up to 124 dB dynamic range at 10 Hz bandwidth
0.005 dB RMS trace noise at maximum bandwidth of 140 kHz
Half-rack, small-footprint, lightweight package
Reference plane offsetting and de-embedding
Time domain and port impedance transformations
Multiple live and memory traces on dual y-axis display channels
Save on trigger for high-speed device profiling (PicoVNA 108)
Dual-frequency mixer measurements with VSWR correction (PicoVNA 108)
Phase meter, P1dB, AM to PM, and stand-alone signal generator utilities
Male and female SOLT and automated E-Cal calibration standards
Guided 8/12-term, SOLT, TRL and TRM calibrations including unknown-through
Confident measurement based on traceable data for all calibration and check standards


Similar Part No. - TA430

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA4301F TOSHIBA-TA4301F Datasheet
221Kb / 8P
DOWN CONVERTER FOR BS TUNER IC
TA4302F TOSHIBA-TA4302F Datasheet
258Kb / 6P
DOWN CONVERTER FOR CATV
TA4303F TOSHIBA-TA4303F Datasheet
247Kb / 9P
DOWN COVERTER FOR BS/CS TUNER IC
TA4303F TOSHIBA-TA4303F Datasheet
573Kb / 10P
Down Converter for BS/CS Tuner IC
TA4303F TOSHIBA-TA4303F_07 Datasheet
573Kb / 10P
Down Converter for BS/CS Tuner IC
More results

Similar Description - TA430

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2103 TRIQUINT-TGP2103 Datasheet
331Kb / 9P
8.5 - 11 GHz 6-Bit Phase Shifter
TGP2103 TRIQUINT-TGP2103_15 Datasheet
516Kb / 9P
8.5 -11 GHz 6-bit Phase Shifter
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9372A KEYSIGHT-M9372A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
Keysight PXIe Vector Network Analyzers
5989-6014EN KEYSIGHT-5989-6014EN Datasheet
1Mb / 17P
Network Analyzers
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
Vector Network Analyzers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com