Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA430 Datasheet(PDF) 24 Page - Pico Technology Ltd.

Part # TA430
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA430 Datasheet(HTML) 24 Page - Pico Technology Ltd.

Back Button TA430 Datasheet HTML 20Page - Pico Technology Ltd. TA430 Datasheet HTML 21Page - Pico Technology Ltd. TA430 Datasheet HTML 22Page - Pico Technology Ltd. TA430 Datasheet HTML 23Page - Pico Technology Ltd. TA430 Datasheet HTML 24Page - Pico Technology Ltd. TA430 Datasheet HTML 25Page - Pico Technology Ltd. TA430 Datasheet HTML 26Page - Pico Technology Ltd. TA430 Datasheet HTML 27Page - Pico Technology Ltd. TA430 Datasheet HTML 28Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
Recommended configurations using automated E-Cal SOLT calibration standards
Primary DUT interface Select
accessory
grade
Required test leads
Required manual calibration
kits
Supported
measurement
and calibration
modes
Also suited to DUTs…
Universal capability.
Dual-port devices or
any single-port device
with male or female or
male and female ports
Standard SMA
test leads
2x TA336 SMA male port
2x TA343 SMA(f-f) port adaptor
1x TA518 SOLT-AUTO-M
and
1x TA519 SOLT-AUTO-F*
All dual-port
calibration
modes and
S-parameters
Use and include within calibration:
1) A test port adaptor to address insertable dual-
port devices**.
2) Both port adaptors to address dual male port
non-insertable devices.
Premium PC3.5
test leads
2x TA338 PC3.5 male port
2x TA341 PC3.5(f-f) port adaptor
Alternatively using 1x automated E-Cal calibration standard …
Dual-port non-
insertable devices or
any single female port
device
Standard SMA
test leads
2x TA336 SMA male port
1x or 2x TA343 SMA(f-f) adaptor
1x TA519 SOLT-AUTO-F
All dual-port
calibration
modes and
S-parameters
Use and include within calibration a test port
adaptor to address insertable dual-port devices or
single-port device of opposing gender**.
Note that opposing gender dual-port non-
insertable devices can be addressed by adding
and de-embedding a further port adaptor.***.
Premium PC3.5
test leads
2x TA338 PC3.5 male port
1x or 2x TA341 PC3.5(f-f) adaptor
Dual-port non-
insertable devices or
any single male port
device
Standard SMA
test leads
2x TA337 SMA female port
1x or 2x TA342 SMA(m-m) adaptor
1x TA518 SOLT-AUTO-M
Premium PC3.5
test leads
2x TA339 PC3.5 female port
1x or 2x TA342 SMA(m-m) adaptor
* This automated dual E-Cal SOLT configuration is available with discount. Please see TA520 on the ordering information page.
** To calibrate use the characterized and polarized through adaptor supplied with your E-Cal standard. The PicoVNA E-Cal calibration wizard guides this setup.
*** With only one calibration kit it is not possible to calibrate after two-port gender adaptations. Purchase a second E-Cal calibration kit of opposing gender for full calibration after
two-port adaptions. Alternatively, once a non-insertable calibration has been performed, it is possible to measure the second port adaptor and de-embed its error. A third option is to
use reference plane shift and/or normalization for a lesser correction of adaptor errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com