Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA430 Datasheet(PDF) 11 Page - Pico Technology Ltd.

Part # TA430
Description  6 GHz and 8.5 GHz vector network analyzers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

TA430 Datasheet(HTML) 11 Page - Pico Technology Ltd.

Back Button TA430 Datasheet HTML 7Page - Pico Technology Ltd. TA430 Datasheet HTML 8Page - Pico Technology Ltd. TA430 Datasheet HTML 9Page - Pico Technology Ltd. TA430 Datasheet HTML 10Page - Pico Technology Ltd. TA430 Datasheet HTML 11Page - Pico Technology Ltd. TA430 Datasheet HTML 12Page - Pico Technology Ltd. TA430 Datasheet HTML 13Page - Pico Technology Ltd. TA430 Datasheet HTML 14Page - Pico Technology Ltd. TA430 Datasheet HTML 15Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
PicoVNA® 100 Series vector network analyzers
E-cal or fixed SOLT and TRL calibration
PicoVNA 5 software supports all of the PicoVNA calibration methods with an advanced and step-by-
step diagrammatic calibration wizard. As an assurance of calibration quality for the fixed SOLT and
TRL/TRM calibrations, each calibration measurement presents as a live pre-scaled display trace and
completion of one stage, presents the next until all are complete. Users can elect to change or re-visit
any stage of the sequence until it is complete.
Reference plane extension
Reference plane extension (offset) allows you to shift the measurement reference plane away from
the point established during calibration. This is useful in removing the path length of assumed ideal
interconnecting , connectors cables or microstrip lines from measurements.
The PicoVNA 5 software allows independent reference plane extensions on each of the ports and these
can be additional to de-embed (below).
De-embed port interfaces
When it is unsafe to assume the above ideal interconnecting connectors cables or microstrip
lines; for example to achieve greater accuracy or to remove known imperfections in a test setup,
we can choose instead to de-embed the interface networks on each measurement port. The
PicoVNA 5 software simply requires a full Touchstone .s2p file or files for each of the embedded
interfacing networks on the two ports. Unusual for some vector network analyzers, the PicoVNA
software will competently vector interpolate between calibration frequencies and de-embed file
frequencies where necessary and possible.
PicoVNA 5: Game-changing new software for PicoVNA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com