Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87421 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 87421
Description  ÷1/÷2 Differential-to-LVDS Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

87421 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 87421 Datasheet HTML 6Page - Renesas Technology Corp 87421 Datasheet HTML 7Page - Renesas Technology Corp 87421 Datasheet HTML 8Page - Renesas Technology Corp 87421 Datasheet HTML 9Page - Renesas Technology Corp 87421 Datasheet HTML 10Page - Renesas Technology Corp 87421 Datasheet HTML 11Page - Renesas Technology Corp 87421 Datasheet HTML 12Page - Renesas Technology Corp 87421 Datasheet HTML 13Page - Renesas Technology Corp 87421 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
87421 Data Sheet
©2016 Integrated Device Technology, Inc
June 24, 2016
10
POWER CONSIDERATIONS
This section provides information on power dissipation and junction temperature for the 87421I.
Equations and example calculations are also provided.
1. Power Dissipation.
The total power dissipation for the 87421I is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for V
DD
= 3.3V + 5% = 3.465V, which gives worst case results.
Power_
MAX
= V
DD_MAX
* I
DD_MAX
= 3.465V * 55mA = 198.58mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of the
device. The maximum recommended junction temperature for HiPerClockS
TM devices is 125°C.
The equation for Tj is as follows: Tj =
θJA * Pd_total + TA
Tj = Junction Temperature
θJA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θJAmust be used. Assuming no air flow
and a multi-layer board, the appropriate value is 96°C/W per Table 6 below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.199W * 96°C/W = 104.1°C. This is well below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow, and the
type of board (single layer or multi-layer).
TABLE 6. THERMAL RESISTANCE
θ
JA
FOR
8-PIN SOIC, FORCED CONVECTION
θ
JA
by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
96°C/W
87°C/W
82°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com