Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87421 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 87421
Description  ÷1/÷2 Differential-to-LVDS Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

87421 Datasheet(HTML) 2 Page - Renesas Technology Corp

  87421 Datasheet HTML 1Page - Renesas Technology Corp 87421 Datasheet HTML 2Page - Renesas Technology Corp 87421 Datasheet HTML 3Page - Renesas Technology Corp 87421 Datasheet HTML 4Page - Renesas Technology Corp 87421 Datasheet HTML 5Page - Renesas Technology Corp 87421 Datasheet HTML 6Page - Renesas Technology Corp 87421 Datasheet HTML 7Page - Renesas Technology Corp 87421 Datasheet HTML 8Page - Renesas Technology Corp 87421 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
87421 Data Sheet
©2016 Integrated Device Technology, Inc
June 24, 2016
2
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
TABLE 3. FUNCTION TABLE
FIGURE 1A. ÷1 CONFIGURATION TIMING DIAGRAM
Number
Name
Type
Description
1
CLK
Input
Pulldown Non-inverting differential clock input.
2
nCLK
Input
Pullup
Inverting differential clock input.
3
MR
Input
Pulldown
Active High Master Reset. When logic HIGH, the internal dividers are
reset causing the true output (Q) to go low and the inverted output (nQ)
to go high. When logic LOW, the internal dividers and the output are
enabled. LVCMOS / LVTTL interface levels. See Table 3.
4
F_SEL
Input
Pulldown
Selects divider value for Q, nQ outputs as described in Table 3.
LVCMOS / LVTTL interface levels.
5
GND
Power
Power supply ground.
6, 7
Q, nQ
Output
Differential output pair. LVDS interface levels.
8V
DD
Power
Positive supply pin.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
MR
F_SEL
Divide Value
1
X
Reset: Q output low, nQ output high
00
÷1
01
÷2
CLK
MR
Q
FIGURE 1B. ÷2 CONFIGURATION TIMING DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com