Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8197ASTZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD8197ASTZ
Description  4:1 HDMI/DVI Switch with Equalization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8197ASTZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8197ASTZ Datasheet HTML 2Page - Analog Devices AD8197ASTZ Datasheet HTML 3Page - Analog Devices AD8197ASTZ Datasheet HTML 4Page - Analog Devices AD8197ASTZ Datasheet HTML 5Page - Analog Devices AD8197ASTZ Datasheet HTML 6Page - Analog Devices AD8197ASTZ Datasheet HTML 7Page - Analog Devices AD8197ASTZ Datasheet HTML 8Page - Analog Devices AD8197ASTZ Datasheet HTML 9Page - Analog Devices AD8197ASTZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD8197
Preliminary Technical Data
PrA| Page 6 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 13, 22, 54, 63, 75
AVCC
Power
Positive Analog Supply. 3.3 V nominal.
2
IN_B0
HS I
High Speed Input Complement.
3
IP_B0
HS I
High Speed Input.
4, 10, 16, 25, 51, 60, 66, 72
AVEE
Power
Negative Analog Supply. 0 V nominal.
5
IN_B1
HS I
High Speed Input Complement.
6
IP_B1
HS I
High Speed Input.
7, 19, 57, 69
VTTI
Power
Input Termination Supply. Nominally connected to AVCC.
8
IN_B2
HS I
High Speed Input Complement.
9
IP_B2
HS I
High Speed Input.
11
IN_B3
HS I
High Speed Input Complement.
12
IP_B3
HS I
High Speed Input.
14
IN_A0
HS I
High Speed Input Complement.
15
IP_A0
HS I
High Speed Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com