Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8197ASTZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8197ASTZ
Description  4:1 HDMI/DVI Switch with Equalization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8197ASTZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8197ASTZ Datasheet HTML 4Page - Analog Devices AD8197ASTZ Datasheet HTML 5Page - Analog Devices AD8197ASTZ Datasheet HTML 6Page - Analog Devices AD8197ASTZ Datasheet HTML 7Page - Analog Devices AD8197ASTZ Datasheet HTML 8Page - Analog Devices AD8197ASTZ Datasheet HTML 9Page - Analog Devices AD8197ASTZ Datasheet HTML 10Page - Analog Devices AD8197ASTZ Datasheet HTML 11Page - Analog Devices AD8197ASTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
AD8197
Preliminary Technical Data
PrA| Page 8 of 32
Pin No.
Mnemonic
Type1
Description
79
AUX_D2
LS I/O
Low Speed Input/Output.
80
AUX_D1
LS I/O
Low Speed Input/Output.
81
AUX_D0
LS I/O
Low Speed Input/Output.
82
AMUXVCC
Power
Positive Auxiliary Multiplexer Supply. 5V typical.
83
AUX_C3
LS I/O
Low Speed Input/Output.
84
AUX_C2
LS I/O
Low Speed Input/Output.
85
AUX_C1
LS I/O
Low Speed Input/Output.
86
AUX_C0
LS I/O
Low Speed Input/Output.
87
AUX_COM3
LS I/O
Low Speed Common Input/Output.
88
AUX_COM2
LS I/O
Low Speed Common Input/Output.
89
AUX_COM1
LS I/O
Low Speed Common Input/Output.
90
AUX_COM0
LS I/O
Low Speed Common Input/Output.
91
AUX_B3
LS I/O
Low Speed Input/Output.
92
AUX_B2
LS I/O
Low Speed Input/Output.
93
AUX_B1
LS I/O
Low Speed Input/Output.
94
AUX_B0
LS I/O
Low Speed Input/Output.
96
AUX_A3
LS I/O
Low Speed Input/Output.
97
AUX_A2
LS I/O
Low Speed Input/Output.
98
AUX_A1
LS I/O
Low Speed Input/Output.
99
AUX_A0
LS I/O
Low Speed Input/Output.
100
PP_OTO
Control
High Speed Output Termination Selection Parallel Interface.
1 HS = high speed, LS = low speed, I = input, O = output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com