Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8197ASTZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8197ASTZ
Description  4:1 HDMI/DVI Switch with Equalization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8197ASTZ Datasheet(HTML) 1 Page - Analog Devices

  AD8197ASTZ Datasheet HTML 1Page - Analog Devices AD8197ASTZ Datasheet HTML 2Page - Analog Devices AD8197ASTZ Datasheet HTML 3Page - Analog Devices AD8197ASTZ Datasheet HTML 4Page - Analog Devices AD8197ASTZ Datasheet HTML 5Page - Analog Devices AD8197ASTZ Datasheet HTML 6Page - Analog Devices AD8197ASTZ Datasheet HTML 7Page - Analog Devices AD8197ASTZ Datasheet HTML 8Page - Analog Devices AD8197ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
4:1 HDMI/DVI Switch with Equalization
Preliminary Data Sheet
AD8197
PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Four inputs, one output HDMI™/DVI links
Enables HDMI 1.3-compliant receiver
Pin-to-pin compatible with the AD8191
Four TMDS channels per link
Supports 250 Mbps to 2.25 Gbps data rates
Supports 25 MHz to 225 MHz pixel clocks
Equalized inputs for operation with long HDMI cables
(20 meters at 2.25 Gbps)
Fully buffered unidirectional inputs/outputs
Globally switchable, 50 Ω on-chip terminations
Pre-emphasized outputs
Low added jitter
Single-supply operation (3.3 V)
Four auxiliary channels per link
Bidirectional unbuffered inputs/outputs
Flexible supply operation (3.3 V to 5 V)
HDCP standard compatible
Allows switching of DDC bus and two additional signals
Multiple channel bundling modes
1x (4:1) HDMI/DVI link switch (default)
2x (8:1) TMDS channel and auxiliary signal switch
1x (16:1) TMDS channel and auxiliary signal switch
Output disable feature
Reduced power dissipation
Removable output termination
Allows building of larger arrays
Two AD8197s support HDMI/DVI dual-link
Standards compliant: HDMI receiver, HDCP, DVI
Serial (I2C® slave) and parallel control interface
100-lead, 14 mm × 14 mm LQFP, Pb-free package
APPLICATIONS
Multiple input displays
Projectors
A/V receivers
Set-top boxes
Advanced television (HDTV) sets
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
TYPICAL APPLICATION
Figure 2. Typical HDTV Application
GENERAL DESCRIPTION
The AD8197 is an HDMI/DVI switch featuring equalized
TMDS inputs and pre-emphasized TMDS outputs, ideal for
systems with long cable runs. Outputs can be set to a high
impedance state to reduce the power dissipation and/or allow
the construction of larger arrays using the wire-OR technique.
Flexible channel bundling modes (for both the TMDS channels
and the auxiliary signals) allow the AD8197 to be configured as a
4:1 single HDMI/DVI link switch, a dual 8:1 switch, or a single
16:1 switch.
The AD8197 is provided in a 100-lead LQFP, Pb-free, surface
mount package specified to operate over the −40°C to +85°C
temperature range.
PRODUCT HIGHLIGHTS
1.
Supports data rates up to 2.25 Gbps, enabling greater than
1080p HDMI formats with deep color, and UXGA (1600 ×
1200) DVI resolutions.
2.
Input cable equalizer enables use of long cables at the input
(more than 20 meters of 24 AWG cable at 2.25 Gbps).
3.
Auxiliary switch routes a DDC bus and two additional signals
for a single-chip, HDMI 1.3 receive-compliant solution.


Similar Part No. - AD8197ASTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8197A AD-AD8197A Datasheet
771Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A-EVALZ AD-AD8197A-EVALZ Datasheet
771Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197AASTZ AD-AD8197AASTZ Datasheet
771Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197AASTZ-RL AD-AD8197AASTZ-RL Datasheet
771Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
More results

Similar Description - AD8197ASTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8191 AD-AD8191 Datasheet
975Kb / 32P
4:1 HDMI/DVI Switch with Equalization
10/06-Revision 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
2:1 HDMI/DVI Switch with Equalization
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
3:1 HDMI/DVI Switch with Equalization
8/07-Revision 0
AD8197B AD-AD8197B Datasheet
804Kb / 28P
4:1 HDMI/DVI Switch with Equalization
1/08-Revision 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191A AD-AD8191A_15 Datasheet
837Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com