Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMS7204010P Datasheet(PDF) 8 Page - Winbond

Part # WMS7204010P
Description  256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7204010P Datasheet(HTML) 8 Page - Winbond

Back Button WMS7204010P Datasheet HTML 4Page - Winbond WMS7204010P Datasheet HTML 5Page - Winbond WMS7204010P Datasheet HTML 6Page - Winbond WMS7204010P Datasheet HTML 7Page - Winbond WMS7204010P Datasheet HTML 8Page - Winbond WMS7204010P Datasheet HTML 9Page - Winbond WMS7204010P Datasheet HTML 10Page - Winbond WMS7204010P Datasheet HTML 11Page - Winbond WMS7204010P Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
WMS7202
- 8 -
7.3. NON-VOLATILE MEMORY (NVMEM)
Each channel has four NVMEM positions available for storing the output buffer operating mode and
the potentiometer setting. These NVMEM positions can be directly written through the SPI using a
write command (#5) with address and data bytes. Another command (#7) is available that stores the
current output buffer operating mode and potentiometer settings into the selected NVMEM position.
Bit A3 and A2 in the instruction byte decide which NVMEM position is used. (See Table 5)
All potentiometers are loaded with the value stored in the NVMEM position 0 for their respective
channel on power up.
7.3.1 Write Protect of NVMEM
Write-protect ( WP ) disables any changes of current content in the NVMEM regardless of the
commands, except that NVMEM setting can be retrieved using commands 4, 6 of Table 5. Therefore,
Write-Protect ( WP ) pin provides hardware NVMEM protection feature with WP tied to Vss. WP ,
which is active at logic LOW, should be tied directly to VDD if it is not being used.
7.4 FLOW CONTROL
Reading and writing to NVMEM requires an internal access cycle to complete before the next
command can be sent. The following commands have additional flow control using the R/B pin.
Read Tap Register (#2)
Read NVMEM (#4)
Program NVMEM (#5)
Load Tap Register(#6)
Program NVMEM with Tap Register (#7)
The R/B bit will be pulled HIGH when CS goes LOW, and will stay HIGH indicating the chip is ready
to accept another command. After sending one of those commands, the R/B pin should be polled to
determine when the device is ready to accept the additional data.
This flow control can be used on all commands without any performance penalty although it is only
needed on the commands listed above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com