Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMS7204010P Datasheet(PDF) 17 Page - Winbond

Part # WMS7204010P
Description  256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7204010P Datasheet(HTML) 17 Page - Winbond

Back Button WMS7204010P Datasheet HTML 13Page - Winbond WMS7204010P Datasheet HTML 14Page - Winbond WMS7204010P Datasheet HTML 15Page - Winbond WMS7204010P Datasheet HTML 16Page - Winbond WMS7204010P Datasheet HTML 17Page - Winbond WMS7204010P Datasheet HTML 18Page - Winbond WMS7204010P Datasheet HTML 19Page - Winbond WMS7204010P Datasheet HTML 20Page - Winbond WMS7204010P Datasheet HTML 21Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
WMS7202
Publication Release Date: January 2003
- 17 -
Revision 1.1
TABLE 10 – TIMING PARAMETERS
Note: The interface timing characteristics apply to all parts but are guaranteed by design and not
subject to production test.
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
SPI Clock Cycle Time
tCYC
100
ns
SPI Clock HIGH Time
tWH
50
ns
SPI Clock LOW Time
tWL
50
ns
Lead Time
tLEAD
100
ns
Lag Time
tLAG
100
ns
SDI Setup Time
tDSU
20
ns
SDI Hold Time
tDH
20
ns
CS
to SDO – SPI Line Acquire
tLAC
5
ns
CS
to SDO – SPI Line Release
tLRL
5
ns
CLK to SDO Propagation Delay
tPD
1
ns
R/B Rise to CS Fall
tRSU
500
ns
Store to NVMEM Save Time
tSV
2
ms
CS
Deselect Time
tCS
600
ns
Startup Time
tST
0.1
ms
WP
Setup Time
tWPSU
10
ns
WP
Hold Time
tWPH
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com