Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMS7204010P Datasheet(PDF) 27 Page - Winbond

Part # WMS7204010P
Description  256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7204010P Datasheet(HTML) 27 Page - Winbond

Back Button WMS7204010P Datasheet HTML 22Page - Winbond WMS7204010P Datasheet HTML 23Page - Winbond WMS7204010P Datasheet HTML 24Page - Winbond WMS7204010P Datasheet HTML 25Page - Winbond WMS7204010P Datasheet HTML 26Page - Winbond WMS7204010P Datasheet HTML 27Page - Winbond WMS7204010P Datasheet HTML 28Page - Winbond WMS7204010P Datasheet HTML 29Page - Winbond WMS7204010P Datasheet HTML 30Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
WMS7202
Publication Release Date: January 2003
- 27 -
Revision 1.1
DIMENSION (MM)
DIMENSION (INCH)
SYMBOL
MIN.
MAX.
MIN.
MAX.
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
b
0.33
0.51
0.013
0.020
c
0.19
0.25
0.008
0.010
E
3.80
4.00
0.150
0.157
D
8.55
8.75
0.337
0.344
e
1.27 BSC.
0.050 BSC.
HE
5.80
6.20
0.228
0.244
Y
0.10
0.004
L
0.40
1.27
0.016
0.050
0
0
8
0
8
FIGURE 15 – 14L SOIC – 150MIL
SEATING PLANE
L
O
c
0.25
GAUGE PLANE
E
H
E
1
1
8
7
A1
A
e
b
D
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com