Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9992BBCZRL Datasheet(PDF) 40 Page - Analog Devices

Part # AD9992BBCZRL
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZRL Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9992BBCZRL Datasheet HTML 36Page - Analog Devices AD9992BBCZRL Datasheet HTML 37Page - Analog Devices AD9992BBCZRL Datasheet HTML 38Page - Analog Devices AD9992BBCZRL Datasheet HTML 39Page - Analog Devices AD9992BBCZRL Datasheet HTML 40Page - Analog Devices AD9992BBCZRL Datasheet HTML 41Page - Analog Devices AD9992BBCZRL Datasheet HTML 42Page - Analog Devices AD9992BBCZRL Datasheet HTML 43Page - Analog Devices AD9992BBCZRL Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
AD9992
Rev. C | Page 40 of 92
VD
REGION 0
FIELD SETTINGS:
1. SEQUENCE CHANGE POSITIONS (SCP0 TO SCP8) DEFINE EACH OF THE NINE AVAILABLE REGIONS IN THE FIELD.
2. SEQ0 TO SEQ8 SELECT THE DESIRED V-SEQUENCE FOR EACH REGION.
3. SGACTLINE1 REGISTER SELECTS WHICH HD LINE IN THE FIELD CONTAINS THE SENSOR GATE PULSE(S).
XV1 TO XVN
HD
SCP1
SCP2
SEQ0
SEQ1
SCP3
SEQ2
SCP4
SEQ3
SCP5
SEQ4
SCP8
SEQ8
REGION 1
REGION 2
REGION 3
REGION 4
REGION 8
VSG
SGACTLINE1
SCP0
Figure 48. Complete Field Divided into Regions
VD
XV1 TO XVN
HD
REGION 1: SWEEP REGION
LINE 0
LINE 1
REGION 0
REGION 2
LINE 24
LINE 25
LINE 2
SCP1
SCP2
Figure 49. Example of Sweep Region for High Speed Vertical Shift
Sweep Mode Operation
The AD9992 contains an additional mode of vertical timing
operation called sweep mode. This mode is used to generate
a large number of repetitive pulses that span across multiple HD
lines. An example of where this mode is needed is at the start of
the CCD readout operation. At the end of the image exposure
before the image is transferred by the sensor gate pulses, the vertical
interline CCD registers should be free of all charge. This can be
accomplished by quickly shifting out any charge using a long
series of pulses from the vertical outputs. Depending on the vertical
resolution of the CCD, up to 3000 clock cycles may be needed
to shift the charge out of each vertical CCD line. This operation
spans across multiple HD line lengths. Normally, the AD9992
vertical timing must be contained within one HD line length,
but when sweep mode is enabled, the HD boundaries are
ignored until the region is finished. To enable sweep mode within
any region, program the appropriate SWEEP register to high.
Figure 49 shows an example of the sweep mode operation. The
number of vertical pulses needed depends on the vertical resolu-
tion of the CCD. The toggle positions for the XV1 to XV24
signals are generated using the V-pattern registers (shown in
Table 13). A single pulse is created using the polarity and toggle
position registers. The number of repetitions is then programmed
to match the number of vertical shifts required by the CCD.
Repetitions are programmed into the V-sequence registers
(shown in Table 14) by using the VREP registers. This produces
a pulse train of the appropriate length. Normally, the pulse train
is truncated at the end of the HD line length, but when sweep
mode is enabled for this region, the HD boundaries are ignored.
In Figure 49, the sweep region occupies 23 HD lines. After the
sweep mode region is complete, normal sequence operation
resumes in the next region. When using sweep mode, be sure to
set the region boundaries (using the sequence change positions)
to the appropriate lines to prevent the sweep operation from
overlapping the next V-sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com