| Electronic Components Datasheet Search |
|
AD9992BBCZRL Datasheet(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9992BBCZRL Datasheet(HTML) 20 Page - Analog Devices |
|
20 / 92 page ![]() AD9992 Rev. C | Page 20 of 92 3 2 1 HD CLPOB PBLK PROGRAMMABLE SETTINGS: 1START POLARITY (CLAMP AND BLANK REGION ARE ACTIVE LOW). 2FIRST TOGGLE POSITION. 3SECOND TOGGLE POSITION. ACTIVE ACTIVE Figure 22. Clamp and Preblank Pulse Placement NO CLPOB SIGNAL FOR LINE 600 VD HD NO CLPOB SIGNAL FOR LINES 6 TO 8 CLPMASKSTART1 = 6 CLPMASKEND1 = 8 0 1 2 597 598 CLPMASKSTART2 = CLPMASKEND2 = 600 CLPOB Figure 23. CLPOB Masking Example Individual HBLK Patterns The HBLK programmable timing shown in Figure 24 is similar to CLPOB and PBLK; however, there is no start polarity control. Only the toggle positions are used to designate the start and stop positions of the blanking period. Additionally, there are separate masking polarity controls for H1, H2, and HL that designate the polarity of the horizontal clock signals during the blanking period. Setting HBLKMASK_H1 high sets H1, and therefore H3, H5, and H7, low during the blanking, as shown in Figure 25. As with the CLPOB and PBLK signals, HBLK registers are available in each V-sequence, allowing different blanking signals to be used with different vertical timing sequences. The AD9992 supports three modes of HBLK operation. HBLK Mode 0 supports basic operation and some support for special HBLK patterns. HBLK Mode 1 supports pixel mixing HBLK operation. HBLK Mode 2 supports advanced HBLK operation. The following sections describe each mode in detail. Register parameters are described in detail in Table 11. HBLK Mode 0 Operation There are six toggle positions available for HBLK. Normally, only two of the toggle positions are used to generate the standard HBLK interval. However, the additional toggle positions can be used to generate special HBLK patterns, as shown in Figure 26. The pattern in this example uses all six toggle positions to generate two extra groups of pulses during the HBLK interval. By changing the toggle positions, different patterns can be created. Separate toggle positions are available for even and odd lines. If alternation is not needed, the same values should be loaded into the registers for even (HBLKTOGE) and odd (HBLKTOGO) lines. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |