Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9992BBCZRL Datasheet(PDF) 68 Page - Analog Devices

Part # AD9992BBCZRL
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZRL Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9992BBCZRL Datasheet HTML 64Page - Analog Devices AD9992BBCZRL Datasheet HTML 65Page - Analog Devices AD9992BBCZRL Datasheet HTML 66Page - Analog Devices AD9992BBCZRL Datasheet HTML 67Page - Analog Devices AD9992BBCZRL Datasheet HTML 68Page - Analog Devices AD9992BBCZRL Datasheet HTML 69Page - Analog Devices AD9992BBCZRL Datasheet HTML 70Page - Analog Devices AD9992BBCZRL Datasheet HTML 71Page - Analog Devices AD9992BBCZRL Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
AD9992
Rev. C | Page 68 of 92
Table 27. Standby Mode Operation (Standby Polarities for XV, XSUBCK, GPO Outputs Are Programmable)
I/O Block
Standby3 (Default)1, 2
OUTCONTROL = Low2
Standby23, 4
Standby13, 4
AFE
Off
No change
Off
Only REFT, REFB on
Timing Core
Off
No change
Off
On
CLO Oscillator
Off
No change
Off
On
CLO
Low
No change
Low
Running
H1
High-Z
Low
Low (4.3 mA)
Low (4.3 mA)
H2
High-Z
High
High (4.3 mA)
High (4.3 mA)
H3
High-Z
Low
Low (4.3 mA)
Low (4.3 mA)
H4
High-Z
High
High (4.3 mA)
High (4.3 mA)
H5
High-Z
Low
Low (4.3 mA)
Low (4.3 mA)
H6
High-Z
High
High (4.3 mA)
High (4.3 mA)
H7
High-Z
Low
Low (4.3 mA)
Low (4.3 mA)
H8
High-Z
High
High (4.3 mA)
High (4.3 mA)
HL
High-Z
Low
Low (4.3 mA)
Low (4.3 mA)
RG
High-Z
Low
Low (4.3 mA)
Low (4.3 mA)
VD
Low
VDHDPOL value
VDHDPOL value
Running
HD
Low
VDHDPOL value
VDHDPOL value
Running
DCLK
Low
Running
Low
Running
DOUT
Low
Low
Low
Low
XV1 to XV24
Low
Low
Low
Low
XSUBCK
Low
Low
Low
Low
GPO1 to GPO8
Low
Low
Low
Low
1 To exit Standby3, write 00 to STANDBY (Address 0x00, Bits [1:0]), and then reset the timing core after 500 μs to guarantee proper settling of the oscillator and external crystal.
2 Standby3 mode takes priority over OUTCONTROL for determining the output polarities.
3 These polarities assume OUTCONTROL = high because OUTCONTROL = low takes priority over Standby1 and Standby2.
4 Standby1 and Standby2 set H and RG drive strength to minimum value (4.3 mA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com