Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5303GDWR28 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS5303GDWR28
Description  Three?뭁hase Buck Controller with Integrated Gate Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5303GDWR28 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS5303GDWR28 Datasheet HTML 4Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 5Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 6Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 7Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 8Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 9Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 10Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 11Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CS5303
http://onsemi.com
8
−
+
−
+
−
+
−
+
−
−
+
−
+
−
+
+
−
+
−
+
−
−
+
×
CO1
CO1
PH 1
PH 2
PH 3
VCCLL1
VCCH12
VCCLL1
3.3 V
REF
DAC
CO1
DACOUT
CO2
CO3
DACOUT
FAULT
CO3
Offset
FAULT
FAULT
CO2
CO2
DACOUT
FAULT
PH 2
PH 3
PH 1
OSC
BIAS
VCCH12
VCCLL1
VCCH12
VCCL23
VCCH3
VCCL23
VCCLL1 VCCL23
VCCH12
VCCH3
ILIM
Gate(H)1
Gate(L)1
Gnd1
Gate(H)2
Gate(L)2
Gnd2
Gate(H)3
Gnd3
Gate(L)3
S
R
R
R
S
S
R
S
FAULT
0.3 V
0.3 V
0.3 V
4.4 V
4.2 V
2 V
1.8 V
COMP
Discharge
Threshold
VITotal
VDRP
VFB
COMP
ROSC
Current
Source
Gen
Gate
Nonoverlap
MAXC1
MAXC2
MAXC3
PWMC1
PWMC2
PWMC3
EA
1
2
Start
Stop
CSA1
CSA2
CSA3
5 μA
AVPA
1.5
Gate
Nonoverlap
Gate
Nonoverlap
Start
Stop
REF
VID0
VID1
VID2
VID3
VID4
CS1
CS2
CS3
CSREF
1
2
CO3
FAULT
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com