Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5303GDWR28 Datasheet(PDF) 17 Page - ON Semiconductor

Part # CS5303GDWR28
Description  Three?뭁hase Buck Controller with Integrated Gate Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5303GDWR28 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button CS5303GDWR28 Datasheet HTML 11Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 12Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 13Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 14Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 15Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 16Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 17Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 18Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
CS5303
http://onsemi.com
17
ADDITIONAL APPLICATION DIAGRAMS
+
Figure 16. 5 V only to 1.2 V
VID4
VID3
VID2
VID1
VID0
ENABLE
+5.0 V
+5.0 V
VOUT
C3
C2
C1
C3
C2
C1
COMP
VFB
CS1
CS2
CS3
VID0
VID3
ILIM
REF
VCCH3
Gate(H)3
Gnd3
Gate(L)3
Gate(L)2
VCCL23
Gate(H)2
GndL2
VCCH12
Gate(H)1
Gnd1
Gate(L)1
VCCLL2
ROSC
VID1
VDRP
CSREF
VID4
VID2
U1
+
VID4
VID3
VID2
VID1
VID0
COMP
VFB
CS1
CS2
CS3
VID0
VID3
ILIM
REF
VCCH3
Gate(H)3
Gnd3
Gate(L)3
Gate(L)2
VCCL23
Gate(H)2
GndL2
VCCH12
Gate(H)1
Gnd1
Gate(L)1
VCCLL2
ROSC
VID1
VDRP
CSREF
VID4
ENABLE
+12 V
+12 V+5.0 V
+12 V
VOUT
C3
C2
C1
C3
C2
C1
VID2
Figure 17. 5 V to 1.2 V with 12 V Bias
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com