Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5303GDWR28 Datasheet(PDF) 16 Page - ON Semiconductor

Part # CS5303GDWR28
Description  Three?뭁hase Buck Controller with Integrated Gate Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5303GDWR28 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button CS5303GDWR28 Datasheet HTML 11Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 12Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 13Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 14Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 15Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 16Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 17Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 18Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
CS5303
http://onsemi.com
16
5. n/a
Current Limit
VI(LIM) + RL
IOUT(LIM)
CS to ILIM Gain
+ 1.5 mW
75 A
6.5 + 731 mV
6.
Adaptive Positioning
RV(FB) + NL Position VFB Bias Current
+ 50 mV 19 mA + 2.63 kW
7.
DVDRP + RL
IOUT
Current Sense to VDRP Gain
+ 2mW
60 A
3 + 360 mV
RV(DRP) + DVDRP
RV(FB) DVOUT
+ 360 mV
2.63 kW 50 mV + 18.9 kW
8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com