Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5305GDWR28 Datasheet(PDF) 26 Page - ON Semiconductor

Part # CS5305GDWR28
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305GDWR28 Datasheet(HTML) 26 Page - ON Semiconductor

Back Button CS5305GDWR28 Datasheet HTML 22Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 23Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 24Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 25Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 26Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 27Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 28Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 29Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
CS5305
http://onsemi.com
26
In a similar manner, if the current information is too large,
the COMP voltage will rise to compensate. Again, a square
wave is preferable to a slow change in the COMP voltage,
and placing a capacitor between VDRP and COMP will
“square up” the COMP waveform as shown in Figure 44.
Figure 44.
Current Transient
COMP Ideal Waveform
COMP Uncorrected
Waveform
VOUT Uncorrected
Waveform
COMP Corrected
Waveform
VOUT Corrected
Waveform
Once the COMP waveform has been squared up, it is
necessary to check the VDRP waveform. The VDRP
waveform is dependent on the choice of ramp
components. If these components have been chosen such
that (RCSx)(CCSx) = L / ESRL, the VDRP waveform should
be a square wave that matches the current step. At this
point, the VOUT waveform should also be a square wave
and transient performance should be optimized.
If (RCSx)(CCSx) < L / ESRL, the VDRP waveform will be
faster than current step. The VDRP voltage will exhibit a fast
rise followed by an exponential droop down to a DC level,
as shown in Figure 45. This waveform has the effect of
telling the system that transient current signals are larger
than the true current. Response will be slowed, and VOUT
will overshoot until the error amplifier “catches up”. In this
case, it is desirable to push the VFB pin down, so that COMP
voltage is forced up and duty cycle is reduced slightly. This
is done by placing a series RC filter across resistor RFB.
Figure 45.
Current Step
VDRP
(RCSx)(CCSx) < L/ESRL
If (RCSx)(CCSx) > L / ESRL, the VDRP waveform will be
slower than the current step. VDRP will exhibit an initial
spike, but the voltage will then exponentially rise toward its
correct DC level, as shown in Figure 46. This waveform
effectively tells the system that the current signal is smaller
than the true current, and response will be faster than
optimal. VOUT will then undershoot. In this case, forcing
VFB up so COMP voltage decreases results in increasing
output duty cycle. The series RC filter is now located in
parallel with RDRP.
Figure 46.
Current Step
VDRP
(RCSx)(CCSx) > L/ESRL
These components are chosen empirically. The fastest
way to optimize the design is to start with a 1 nF capacitor
and a 500 kΩ potentiometer and “dial in” performance.
Error Amplifier Compensation
Error amplifier compensation is very simple using the
enhanced V2 control architecture. A single 0.1 μF capacitor
from the COMP lead to ground is usually sufficient. As an
alternative, a resistor and capacitor in series between COMP
and ground may improve output voltage positioning during
current transients. The resistance will speed up the effective
slew rate of the error amplifier output.
The COMP capacitor also provides soft start and
hiccup−mode timing. At start−up, the COMP capacitance
must charge from ground through a typical channel start−up
offset of 0.6 V before the GATE outputs are allowed to begin
switching. The COMP capacitance includes both the COMP
capacitor and any droop compensation capacitance that may
be connected to the COMP pin. The typical soft start time
can then be approximated as:
TSOFT−START(ms) + 20 CCOMP(TOTAL)(mF)
Hiccup timing has a similar equation. During
hiccup−mode, the COMP voltage traverses between the
fault reset threshold (approximately 0.2 V) and the channel
start−up offset voltage. When the fault circuitry becomes
active, the COMP capacitor is discharged with a 5 μA
current until the fault reset threshold is reached. The time
this initial discharge takes is variable depending on the
COMP voltage when the fault occurred. Once the reset
threshold is reached, the COMP capacitor is charged with
the 30 μA current until the start−up offset voltage is reached.
The GATE outputs will begin to pulse, quickly ramping the
inductor current. The fault circuitry can then re−detect the
fault condition some number of GATE pulses later if it is still
present. Thus, the period of the fault hiccup mode is
approximately defined as:
THICCUP(ms) + 93.3 CCOMP(TOTAL)(mF)
Period is only approximately defined since the number of
GATE pulses between restart and redetection of a fault
condition is unpredictable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com