Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5305GDWR28 Datasheet(PDF) 29 Page - ON Semiconductor

Part # CS5305GDWR28
Description  Three?뭁hase Synchronous Switching Step?묭own Controller with Single Wire Current Sharing
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5305GDWR28 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button CS5305GDWR28 Datasheet HTML 25Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 26Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 27Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 28Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 29Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 30Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 31Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 32Page - ON Semiconductor CS5305GDWR28 Datasheet HTML 33Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
CS5305
http://onsemi.com
29
The input capacitance must be designed to conduct the
worst case input ripple current. This will require several
capacitors in parallel. In addition to the worst case current,
attention must be paid to the capacitor manufacturer’s
derating for operation over temperature.
As an example, let us define the input capacitance for a
12 V to 1.7V conversion at 81 A, or 27 A per phase at an
ambient temperature of 60°C. A droop voltage of 90 mV to
1.61 V and efficiency of 80% is assumed. Average input
current in the input filter inductor is:
IIN(AVE) +
(27 A)(3 phases)(1.61 V 12 V)
80%
+ 10.868 A
Input capacitor RMS ripple current is then
IIN(RMS) +
10.8682 ) 1.61 V
12 V
3
27 A * 10.868 A 2 * 10.868 A2
+ 13.347 A
If we consider a Sanyo SP series capacitor, the ripple
current rating for a 16SPS100M capacitor is 2820 mA at
100 kHz and 45°C. The derating factor is 0.85 for operation
up to 65°C, resulting in an effective ripple current rating of
2397 mA. We determine the number of input capacitors by
dividing the ripple current by the per−capacitor current
rating:
Number of capacitors + 13.347 A 2.397 A + 5.52
A total of at least 6 capacitors in parallel must be used to
meet the input capacitor ripple current requirements.
Output Switch FETs
Output switch FETs must be chosen carefully, since their
properties vary widely from manufacturer to manufacturer.
The CS5305 system is designed assuming that a FET driver
IC and n−channel FETs will be used. The FET
characteristics
of
most
concern
are
the
gate
charge/gate−source threshold voltage, gate capacitance,
on−resistance, current rating and the thermal capability of
the package.
FET driver ICs have a limited drive capability. If the
switch FET has a high gate charge, the amount of time the
FET stays in its ohmic region during the turn−on and
turn−off transitions is larger than that of a low gate charge
FET, with the result that the high gate charge FET will
consume more power. Similarly, a low on−resistance FET
will dissipate less power than will a higher on−resistance
FET at a given current. Thus, low gate charge and low
RDS(ON) will result in higher module efficiency and will
reduce heat being generated by the VRM module.
It can be advantageous to use multiple switch FETs to
reduce power consumption. By placing a number of FETs in
parallel, the effective RDS(ON) is reduced, thus reducing the
ohmic power loss. However, placing FETs in parallel
increases the gate capacitance so that switching losses
increase. As long as adding another parallel FET reduces the
ohmic power loss more than the switching losses increase,
there is some advantage to doing so. However, at some point
the law of diminishing returns will take hold, and a marginal
increase in efficiency may not be worth the board area
required to add the extra FET. Additionally, as more FETs
are used, the limited drive capability of the FET driver will
have to charge a larger gate capacitance, resulting in
increased gate voltage rise and fall times. This will affect the
amount of time the FET operates in its ohmic region and will
increase power dissipation.
The following equations can be used to calculate power
dissipation in the switch FETs.
For ohmic power losses due to RDS(ON):
PON(TOP) +
(RDS(ON)(TOP))(IRMS(TOP))2(n)
(number of topside FETs per phase)
PON(BOTTOM) +
RDS(ON)(BOTTOM) IRMS(BOTTOM) 2 n)
number of bottom−side FETs per phase
where:
n = number of phases.
Note that RDS(ON) increases with temperature. It is good
practice to use the value of RDS(ON) at the FET’s maximum
junction temperature in the calculations shown above.
IRMS(TOP) + I2PK * (IPK)(IRIPPLE) ) D3I
2
RIPPLE
IRMS(BOTTOM) + I2PK * (IPKIRIPPLE) )
(1 * D)
3
I2
RIPPLE
IRIPPLE +
(VIN * VOUT)(VOUT)
(fOSC)(L)(VIN)
IPEAK + ILOAD )
IRIPPLE
2
+
IOUT
3 )
IRIPPLE
2
where:
D = Duty cycle.
For switching power losses:
PD + nCV2(fOSC)
where:
n = number of switch FETs (either top or bottom) per phase,
C = FET gate capacitance,
V = maximum gate drive voltage (usually VCC),
fOSC = switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com