Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51220 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS51220
Description  Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51220 Datasheet(HTML) 5 Page - ON Semiconductor

  CS51220 Datasheet HTML 1Page - ON Semiconductor CS51220 Datasheet HTML 2Page - ON Semiconductor CS51220 Datasheet HTML 3Page - ON Semiconductor CS51220 Datasheet HTML 4Page - ON Semiconductor CS51220 Datasheet HTML 5Page - ON Semiconductor CS51220 Datasheet HTML 6Page - ON Semiconductor CS51220 Datasheet HTML 7Page - ON Semiconductor CS51220 Datasheet HTML 8Page - ON Semiconductor CS51220 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CS51220
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (−40°C < TA < 85°C; −40°C < TJ < 125°C; 4.7 V < VCC < 16 V; CT = 390 pF; unless
otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Output (continued)
High Saturation Voltage
VCC − VO, VCC = 10 V, ISOURCE = 100 μA
−
1.4
2.0
V
Low Saturation Voltage
VO − GND, ISINK = 100 μA
−
0.7
1.0
V
Pull Down Resistance
ISINK = 100 μA
25
50
75
kΩ
Rise Time
VCC = 10 V, 1.0 V < VO < 6.0 V; 50 pF load
−
35
80
ns
Fall Time
VCC = 10 V, 1.0 V < VO < 6.0 V; 50 pF load
−
25
50
ns
Feed Forward
Discharge Voltage
IFF = 2.0 mA
0.25
0.35
0.45
V
Discharge Current
FF = 1.0 V
2.0
10
30
mA
FF to VO Delay
Connect VO to FF, Measure min. pulse width.
50
75
150
ns
FF Clamp Voltage
−
1.15
1.3
1.45
V
COMP Switch Off Voltage
VFF = 0.2 V, Ramp down VCOMP
VFF = 0.2 V, Ramp down VCOMP −40°C
0.8
1.4
1.4
1.6
1.7
1.7
V
V
Overcurrent Protection
Overcurrent Comparator DC Offset
−
180
200
215
mV
ISENSE Attenuation
ΔVISET/ΔVISENSE
0.9
0.94
0.98
V/V
ISENSE Input Resistance
ΔVISENSE = 0 V
40
82
150
kΩ
ISENSE to GATE Delay
VISET = 0.5 V
50
100
175
ns
ISET Foldback Sink Current
ISET = 0.5 V, SS = 1.5 V and ISENSE = 0.5 V
12
15
18
μA
External Voltage Monitors
Overvoltage Threshold
OV pin increasing
1.9
2.0
2.1
V
OV Hysteresis Current
OV = 2.15 V
10
12.5
15
μA
Undervoltage Threshold
UV pin decreasing
0.95
1.00
1.05
V
UV Hysteresis
−
25
75
125
mV
Soft Start
Charge Current
SS = 1.5 V
35
50
65
μA
Discharge Current
SS = 1.5 V, UV = 1.5 V
4.0
5.0
7.0
μA
OC Delay Discharge Current
SS = 2.85 V, ISET = 0.5, ISENSE = 0.5 V
35
50
65
μA
SS Clamp Voltage
−
2.7
2.9
3.1
V
Discharge Voltage
−
0.25
0.3
0.35
V
Soft Start Fault Voltage
OV = 2.5 V or UV = 0.85 V
−
0.1
0.2
V
Hiccup Delay Discharge Voltage
−
0.08
0.1
0.12
V
Disable
DISABLE Input Threshold
−
1.0
2.0
3.0
V
DISABLE Input Resistance
VDISABLE = 0.5 V
50
150
250
kΩ
DISABLE Operation Current, Low VCC
4.7 V < VCC < 10 V
−
−
800
μA
DISABLE Operation Current, High VCC
10 V < VCC < 16 V
−
−
1600
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com