Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51220 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS51220
Description  Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51220 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS51220 Datasheet HTML 2Page - ON Semiconductor CS51220 Datasheet HTML 3Page - ON Semiconductor CS51220 Datasheet HTML 4Page - ON Semiconductor CS51220 Datasheet HTML 5Page - ON Semiconductor CS51220 Datasheet HTML 6Page - ON Semiconductor CS51220 Datasheet HTML 7Page - ON Semiconductor CS51220 Datasheet HTML 8Page - ON Semiconductor CS51220 Datasheet HTML 9Page - ON Semiconductor CS51220 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CS51220
http://onsemi.com
6
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
PIN SYMBOL
FUNCTION
16 Lead SO Narrow
1
VO
Logic output connecting to external gate driver.
2
GND
Ground.
3
VCC
Supply Voltage.
4
VREF
3.3 V reference voltage output.
5
ISET
Voltage at this pin sets pulse−by−pulse overcurrent thresh-
old. When the ISENSE exceeds ISET for a sustained period of
time, a sink current is generated at this pin. Along with exter-
nal resistors, this current provides a foldback overcurrent
threshold. The sink current is disabled periodically for restart.
6
ISENSE
Current sense input for overcurrent protection.
7
OV
Overvoltage protection monitor.
8
UV
Undervoltage protection monitor.
9
CT
Timing capacitor CT determines oscillator frequency.
10
SYNCI
By applying sync pulses to this pin, the IC can be synchro-
nized to frequencies ranging from 25% slower to several
times faster than the internal oscillator frequency.
11
DISABLE
Disable mode input pin. A voltage greater than 3.0 V turns off
the whole IC.
12
FF
Feed forward input for PWM ramp. This pin allows external
connection to make the ramp adjustable to the input line.
13
COMP
This pin carries feedback error signal from an external ampli-
fier. Internally, it connects to the PWM controller.
14
SS
A capacitor is connected to this pin for Soft Start and soft
hiccup timing.
15
VSD
The voltage at this pin programs the delay of the SYNCO
output in reference to the internal oscillator.
16
SYNCO
Sync output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com