Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51220 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS51220
Description  Feed Forward Voltage Mode PWM Controller with Programmable Synchronization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51220 Datasheet(HTML) 1 Page - ON Semiconductor

  CS51220 Datasheet HTML 1Page - ON Semiconductor CS51220 Datasheet HTML 2Page - ON Semiconductor CS51220 Datasheet HTML 3Page - ON Semiconductor CS51220 Datasheet HTML 4Page - ON Semiconductor CS51220 Datasheet HTML 5Page - ON Semiconductor CS51220 Datasheet HTML 6Page - ON Semiconductor CS51220 Datasheet HTML 7Page - ON Semiconductor CS51220 Datasheet HTML 8Page - ON Semiconductor CS51220 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006− Rev. 7
1
Publication Order Number:
CS51220/D
CS51220
Feed Forward Voltage
Mode PWM Controller
with Programmable
Synchronization
CS51220 is a single output PWM Controller with switching
frequency up to 500 kHz. The feed forward voltage mode control
provides excellent line regulation for wide input range. This PWM
controller has a synchronization output allowing programmable phase
delay. For overcurrent protection, the “soft hiccup” technique
effectively limits the output current with maximum flexibility. In
addition, this device includes such features as: soft start,
pulse−by−pulse current limit, programmable foldback current limit,
volt−second clamping, maximum duty cycle, overvoltage and
undervoltage protection, and synchronization input. The CS51220 is
available in 16 SO narrow surface mount package.
Features
• Constant Frequency Feed Forward Voltage Mode Control
• Programmable Pulse by Pulse Overcurrent Limit
• Programmable Foldback Overcurrent Limit with Delay
• Soft Hiccup Overcurrent Protection with Programmable Foldback
• Frequency Synchronization Output with Programmable Phase Delay
• Synchronization Input to Higher or Lower Frequency
• Direct Connection to External Opto Isolators
• Logic Gate Output Signal
• Accurate Volt−Second Clamping
• Programmable Soft Start
• Logic Input to Disable IC
• Line Overvoltage and Undervoltage Monitoring
• 3.3 V 3% Reference Voltage Output
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
SO−16
48 Units/Rail
SO−16
2500 Tape & Reel
SO−16
D SUFFIX
CASE 751B
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
CT
UV
1
16
SYNCI
OV
DISABLE
ISENSE
FF
ISET
COMP
VREF
SS
VCC
VSD
GND
SYNCO
VO
PIN CONNECTIONS AND
MARKING DIAGRAM
1
16
CS51220ED16
CS51220EDR16


Similar Part No. - CS51220

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
Enhanced Voltage Mode PWM Controller
Rev. 3/26/99
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221ED16 CHERRY-CS51221ED16 Datasheet
164Kb / 12P
Enhanced Voltage Mode PWM Controller
Rev. 3/26/99
More results

Similar Description - CS51220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40074 TI-TPS40074 Datasheet
529Kb / 38P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
logo
Intersil Corporation
ISL6740A INTERSIL-ISL6740A Datasheet
320Kb / 15P
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
February 7, 2005
logo
Texas Instruments
TPS40075 TI-TPS40075 Datasheet
809Kb / 44P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
logo
Fairchild Semiconductor
SG6932 FAIRCHILD-SG6932 Datasheet
696Kb / 20P
Green-Mode PFC / Forward PWM Controller
logo
Intersil Corporation
ISL6740AIVZA INTERSIL-ISL6740AIVZA Datasheet
449Kb / 14P
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
February 9, 2012
logo
Texas Instruments
TPS40074 TI-TPS40074_15 Datasheet
999Kb / 42P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40074 TI1-TPS40074_16 Datasheet
454Kb / 38P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
TPS40075 TI1-TPS40075_14 Datasheet
1Mb / 44P
MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH VOLTAGE FEED-FORWARD
logo
Renesas Technology Corp
ISL6740A RENESAS-ISL6740A Datasheet
660Kb / 14P
Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
ISL9506 RENESAS-ISL9506 Datasheet
1Mb / 28P
Multiphase PWM Controller with Programmable Output Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com