Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2813 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN2813
Description  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2813 Datasheet(HTML) 4 Page - Analog Devices

  ADN2813 Datasheet HTML 1Page - Analog Devices ADN2813 Datasheet HTML 2Page - Analog Devices ADN2813 Datasheet HTML 3Page - Analog Devices ADN2813 Datasheet HTML 4Page - Analog Devices ADN2813 Datasheet HTML 5Page - Analog Devices ADN2813 Datasheet HTML 6Page - Analog Devices ADN2813 Datasheet HTML 7Page - Analog Devices ADN2813 Datasheet HTML 8Page - Analog Devices ADN2813 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADN2813
Rev. 0 | Page 4 of 28
Parameter
Conditions
Min
Typ
Max
Unit
POWER SUPPLY VOLTAGE
3.0
3.3
3.6
V
POWER SUPPLY CURRENT
Locked to 1.25 Gb/s
139
155
mA
OPERATING TEMPERATURE RANGE
–40
+85
°C
1 PIN and NIN should be differentially driven and ac-coupled for optimum sensitivity.
2 When ac-coupled, the LOS assert and deassert times are dominated by the RC time constant of the ac coupling capacitor and the 50 Ω input termination of the
ADN2813 input stage.
JITTER SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, VEE = 0 V, CF = 0.47 μF, SLICEP = SLICEN = VEE, input data pattern: PRBS 223 − 1,
unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
PHASE-LOCKED LOOP CHARACTERISTICS
Jitter Transfer BW
OC-12
75
130
kHz
OC-3
26
42
kHz
Jitter Peaking
OC-12
0
0.03
dB
OC-3
0
0.03
dB
Jitter Generation
OC-12, 12 kHz to 5 MHz
0.001
0.003
UI rms
0.011
0.026
UI p-p
OC-3, 12 kHz to 1.3 MHz
0.001
0.002
UI rms
0.005
0.010
UI p-p
Jitter Tolerance
1 GbE, IEEE 802.3
637 kHz
0.749
UI p-p
OC-12, 223 − 1 PRBS
30 Hz1
100
UI p-p
300 Hz1
44
UI p-p
25 kHz
2.5
UI p-p
250 kHz1
1.0
UI p-p
OC-3, 223 − 1 PRBS
30 Hz1
50
UI p-p
300 Hz1
23.5
UI p-p
6500 Hz
3.5
UI p-p
65 kHz1
1.0
UI p-p
1 Jitter tolerance of the ADN2813 at these jitter frequencies is better than what the test equipment is able to measure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com