Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2813 Datasheet(PDF) 8 Page - Analog Devices

Part # ADN2813
Description  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2813 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADN2813 Datasheet HTML 4Page - Analog Devices ADN2813 Datasheet HTML 5Page - Analog Devices ADN2813 Datasheet HTML 6Page - Analog Devices ADN2813 Datasheet HTML 7Page - Analog Devices ADN2813 Datasheet HTML 8Page - Analog Devices ADN2813 Datasheet HTML 9Page - Analog Devices ADN2813 Datasheet HTML 10Page - Analog Devices ADN2813 Datasheet HTML 11Page - Analog Devices ADN2813 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADN2813
Rev. 0 | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TEST1 1
VCC 2
VREF 3
PIN 1
INDICATOR
TOP VIEW
(Not to Scale)
24 VCC
23 VEE
22 LOS
21 SDA
20 SCK
19 SADDR5
18 VCC
17 VEE
NIN 4
PIN 5
SLICEP 6
SLICEN 7
VEE 8
ADN2813*
* THERE IS AN EXPOSED PAD ON THE BOTTOM OF
THE PACKAGE THAT MUST BE CONNECTED TO GND.
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
TEST1
Connect to VCC.
2
VCC
P
Power for Limiting Amplifier, LOS.
3
VREF
AO
Internal VREF Voltage. Decouple to GND with a 0.1 μF capacitor.
4
NIN
AI
Differential Data Input. CML.
5
PIN
AI
Differential Data Input. CML.
6
SLICEP
AI
Differential Slice Level Adjust Input.
7
SLICEN
AI
Differential Slice Level Adjust Input.
8
VEE
P
GND for Limiting Amplifier, LOS.
9
THRADJ
AI
LOS Threshold Setting Resistor.
10
REFCLKP
DI
Differential REFCLK Input. 10 MHz to 160 MHz.
11
REFCLKN
DI
Differential REFCLK Input. 10 MHz to 160 MHz.
12
VCC
P
VCO Power.
13
VEE
P
VCO GND.
14
CF2
AO
Frequency Loop Capacitor.
15
CF1
AO
Frequency Loop Capacitor.
16
LOL
DO
Loss-of-Lock Indicator. LVTTL active high.
17
VEE
P
FLL Detector GND.
18
VCC
P
FLL Detector Power.
19
SADDR5
DI
Slave Address Bit 5.
20
SCK
DI
I2C Clock Input.
21
SDA
DI
I2C Data Input.
22
LOS
DO
Loss-of-Signal Detect Output. Active high. LVTTL.
23
VEE
P
Output Buffer, I2C GND.
24
VCC
P
Output Buffer, I2C Power.
25
CLKOUTN
DO
Differential Recovered Clock Output. LVDS.
26
CLKOUTP
DO
Differential Recovered Clock Output. LVDS.
27
SQUELCH
DI
Disable Clock and Data Outputs. Active high. LVTTL.
28
DATAOUTN
DO
Differential Recovered Data Output. LVDS.
29
DATAOUTP
DO
Differential Recovered Data Output. LVDS.
30
VEE
P
Phase Detector, Phase Shifter GND.
31
VCC
P
Phase Detector, Phase Shifter Power.
32
TEST2
Connect to VCC.
Exposed Pad
Pad
P
Connect to GND.
1 Type: P = power, AI = analog input, AO = analog output, DI = digital input, DO = digital output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com