Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2813 Datasheet(PDF) 5 Page - Analog Devices

Part # ADN2813
Description  Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2813 Datasheet(HTML) 5 Page - Analog Devices

  ADN2813 Datasheet HTML 1Page - Analog Devices ADN2813 Datasheet HTML 2Page - Analog Devices ADN2813 Datasheet HTML 3Page - Analog Devices ADN2813 Datasheet HTML 4Page - Analog Devices ADN2813 Datasheet HTML 5Page - Analog Devices ADN2813 Datasheet HTML 6Page - Analog Devices ADN2813 Datasheet HTML 7Page - Analog Devices ADN2813 Datasheet HTML 8Page - Analog Devices ADN2813 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADN2813
Rev. 0 | Page 5 of 28
OUTPUT AND TIMING SPECIFICATIONS
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
LVDS OUTPUT CHARACTERISTICS
(CLKOUTP/CLKOUTN, DATAOUTP/DATAOUTN)
Output Voltage High
VOH (see Figure 3), 655 Mb/s
1475
mV
Output Voltage Low
VOL (see Figure 3), 655 Mb/s
925
mV
Differential Output Swing
VOD (see Figure 3), 655 Mb/s
250
320
400
mV
Differential Output Swing
VOD (see Figure 3), 1.25 Gb/s
240
300
400
Output Offset Voltage
VOS (see Figure 3)
1125
1200
1275
mV
Output Impedance
Differential
100
Ω
LVDS Outputs Timing
GbE
Rise Time
20% to 80%
115
220
ps
Fall Time
80% to 20%
115
220
ps
Setup Time
TS (see Figure 2), GbE
360
400
440
ps
Hold Time
TH (see Figure 2), GbE
360
400
440
ps
I2C INTERFACE DC CHARACTERISTICS
LVCMOS
Input High Voltage
VIH
0.7 VCC
V
Input Low Voltage
VIL
0.3 VCC
V
Input Current
VIN = 0.1 VCC or VIN = 0.9 VCC
−10.0
+10.0
μA
Output Low Voltage
VOL, IOL = 3.0 mA
0.4
V
I2C INTERFACE TIMING
See Figure 11
SCK Clock Frequency
400
kHz
SCK Pulse Width High
tHIGH
600
ns
SCK Pulse Width Low
tLOW
1300
ns
Start Condition Hold Time
tHD;STA
600
ns
Start Condition Setup Time
tSU;STA
600
ns
Data Setup Time
tSU;DAT
100
ns
Data Hold Time
tHD;DAT
300
ns
SCK/SDA Rise/Fall Time
TR/TF
20 + 0.1 Cb1
300
ns
Stop Condition Setup Time
tSU;STO
600
ns
Bus Free Time Between a Stop and a Start
tBUF
1300
ns
REFCLK CHARACTERISTICS
Optional lock to REFCLK mode
Input Voltage Range
@ REFCLKP or REFCLKN
VIL
0
V
VIH
VCC
V
Minimum Differential Input Drive
100
mV p-p
Reference Frequency
10
160
MHz
Required Accuracy
100
ppm
LVTTL DC INPUT CHARACTERISTICS
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Input High Current
IIH, VIN = 2.4 V
5
μA
Input Low Current
IIL, VIN = 0.4 V
−5
μA
LVTTL DC OUTPUT CHARACTERISTICS
Output High Voltage
VOH, IOH = −2.0 mA
2.4
V
Output Low Voltage
VOL, IOL = 2.0 mA
0.4
V
1 Cb = total capacitance of one bus line in pF. If mixed with Hs mode devices, faster fall times are allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com