Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR360 Datasheet(PDF) 11 Page - Analog Devices

Part # ADR360
Description  Low Power, Low Noise Voltage References with Sink/Source Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR360 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR360 Datasheet HTML 7Page - Analog Devices ADR360 Datasheet HTML 8Page - Analog Devices ADR360 Datasheet HTML 9Page - Analog Devices ADR360 Datasheet HTML 10Page - Analog Devices ADR360 Datasheet HTML 11Page - Analog Devices ADR360 Datasheet HTML 12Page - Analog Devices ADR360 Datasheet HTML 13Page - Analog Devices ADR360 Datasheet HTML 14Page - Analog Devices ADR360 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. A | Page 11 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
2.052
2.044
–40
TEMPERATURE (
°C)
2.050
2.048
2.046
–20
0
20
40
60
80
100
120
Figure 2. ADR360 Output Voltage vs. Temperature
2.504
2.494
–40
TEMPERATURE (
°C)
125
2.502
2.500
2.498
2.496
–25 –10
5
203550
658095
110
Figure 3. ADR361 Output Voltage vs. Temperature
3.003
2.996
–40
TEMPERATURE (
°C)
–20
0
20
40
60
80
100
120
3.002
3.001
3.000
2.999
2.998
2.997
Figure 4. ADR363 Output Voltage vs. Temperature
4.998
4.990
–40
TEMPERATURE (
°C)
125
4.997
4.996
4.995
4.994
4.993
4.992
4.991
–25 –10
5
203550
658095
110
Figure 5. ADR365 Output Voltage vs. Temperature
0.165
0.115
2.8
VIN (V)
0.155
0.145
0.135
0.125
4.1
5.3
6.6
7.8
9.1
10.3 11.6 12.8 14.1
+125
°C
+25
°C
–40
°C
Figure 6. ADR361 Supply Current vs. Input Voltage
0.17
0.14
5.3
VIN (V)
0.16
0.15
6.3
7.3
8.3
9.3
10.3
11.3
12.3
13.3
14.3
+125
°C
+25
°C
–40
°C
Figure 7. ADR365 Supply Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com