Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR360 Datasheet(PDF) 12 Page - Analog Devices

Part # ADR360
Description  Low Power, Low Noise Voltage References with Sink/Source Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR360 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADR360 Datasheet HTML 8Page - Analog Devices ADR360 Datasheet HTML 9Page - Analog Devices ADR360 Datasheet HTML 10Page - Analog Devices ADR360 Datasheet HTML 11Page - Analog Devices ADR360 Datasheet HTML 12Page - Analog Devices ADR360 Datasheet HTML 13Page - Analog Devices ADR360 Datasheet HTML 14Page - Analog Devices ADR360 Datasheet HTML 15Page - Analog Devices ADR360 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. A | Page 12 of 20
0.18
0
–40
125
TEMPERATURE (
°C)
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
–25 –10
5
203550
658095
110
VIN = 9V
VIN = 3.5V
Figure 8. ADR361 Load Regulation vs. Temperature
0.14
0
–40
125
TEMPERATURE (
°C)
–25 –10
5
203550
658095
110
0.12
0.10
0.08
0.06
0.04
0.02
VIN = 9V
VIN = 6V
Figure 9. ADR365 Load Regulation vs. Temperature
25
0
–40
TEMPERATURE (
°C)
–20
0
20
40
60
80
100
120
20
15
10
5
Figure 10. ADR360 Line Regulation vs. Temperature, VIN = 2.45 V to 15 V
9
0
–40
TEMPERATURE (
°C)
125
–25 –10
5
203550
658095
110
8
7
6
5
4
3
2
1
Figure 11. ADR361 Line Regulation vs. Temperature, VIN = 2.8 V to 15 V
12
0
–40
TEMPERATURE (
°C)
–20
0
20
40
60
80
100
120
10
8
6
4
2
Figure 12. ADR365 Line Regulation vs. Temperature, VIN = 5.3 V to 15 V
1.6
0
–2
LOAD CURRENT (mA)
10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
02468
+125
°C
+25
°C
–40
°C
Figure 13. ADR361 Minimum Input Voltage vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com