Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR360 Datasheet(PDF) 16 Page - Analog Devices

Part # ADR360
Description  Low Power, Low Noise Voltage References with Sink/Source Capability
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR360 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADR360 Datasheet HTML 12Page - Analog Devices ADR360 Datasheet HTML 13Page - Analog Devices ADR360 Datasheet HTML 14Page - Analog Devices ADR360 Datasheet HTML 15Page - Analog Devices ADR360 Datasheet HTML 16Page - Analog Devices ADR360 Datasheet HTML 17Page - Analog Devices ADR360 Datasheet HTML 18Page - Analog Devices ADR360 Datasheet HTML 19Page - Analog Devices ADR360 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADR360/ADR361/ADR363/ADR364/ADR365/ADR366
Rev. A | Page 16 of 20
THEORY OF OPERATION
Band gap references are the high performance solution for low
supply voltage and low power voltage reference applications,
and the ADR36x family is no exception. The uniqueness of
these products lies in their architecture. The ideal zero TC band
gap voltage is referenced to the output not to ground (see
Figure 32). Therefore, if noise exists on the ground line, it is
greatly attenuated on VOUT. The band gap cell consists of the
PNP pair Q53 and Q52 running at unequal current densities.
The difference in VBE results in a voltage with a positive TC,
which is amplified by a ratio of
R54
R59
2×
This PTAT voltage, combined with the VBEs of Q53 and Q52,
produces the stable band gap voltage.
Reduction in the band gap curvature is performed by the ratio
of Resistor R44 and Resistor R59, one of which is linearly
temperature dependent. Precision laser trimming and other
patented circuit techniques are used to further enhance the drift
performance.
R60
Q53
R54
R61
R53
Q52
R58
R59
R44
R50
30kΩ
Q2
R101
Q61
R100
Q60
Q1
R48
R49
62kΩ
VOUT (FORCE)
VOUT (SENSE)
TRIM
Figure 32. Simplified Schematic
DEVICE POWER DISSIPATION CONSIDERATIONS
The ADR36x family is capable of delivering load currents to
5 mA with an input voltage ranging from 2.348 V (ADR360
only) to 18 V. When this device is used in applications with
large input voltages, care should be taken to avoid exceeding the
specified maximum power dissipation or junction temperature
because it could result in premature device failure. Use the
following formula to calculate a device’s maximum junction
temperature or dissipation:
JA
A
J
D
θ
T
T
P
−
=
In this equation, TJ and TA are, respectively, the junction and
ambient temperatures, PD is the device power dissipation, and
θJA
is the device package thermal resistance.
INPUT CAPACITOR
Input capacitors are not required on the ADR36x. There is no
limit for the value of the capacitor used on the input, but a 1 μF
to 10 μF capacitor on the input improves transient response in
applications where the supply suddenly changes. An additional
0.1 μF capacitor in parallel also helps reduce noise from the supply.
OUTPUT CAPACITOR
The ADR36x does not require output capacitors for stability
under any load condition. An output capacitor, typically 0.1 μF,
filters out any low level noise voltage and does not affect the
operation of the part. On the other hand, the load transient
response can improve with an additional 1 μF to 10 μF output
capacitor in parallel. A capacitor here acts as a source of stored
energy for a sudden increase in load current. The only
parameter that degrades by adding an output capacitor is the
turn-on time. The degradation depends on the size of the
capacitor chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com