Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5362BSTZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD5362BSTZ
Description  8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5362BSTZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5362BSTZ Datasheet HTML 17Page - Analog Devices AD5362BSTZ Datasheet HTML 18Page - Analog Devices AD5362BSTZ Datasheet HTML 19Page - Analog Devices AD5362BSTZ Datasheet HTML 20Page - Analog Devices AD5362BSTZ Datasheet HTML 21Page - Analog Devices AD5362BSTZ Datasheet HTML 22Page - Analog Devices AD5362BSTZ Datasheet HTML 23Page - Analog Devices AD5362BSTZ Datasheet HTML 24Page - Analog Devices AD5362BSTZ Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Preliminary Technical Data
AD5362/AD5363
Rev. P
rF | Page 23 of 25
INTERFACING EXAMPLES
The SPI interface of the AD5362 and AD5363 are designed to
allow the parts to be easily connected to industry standard DSPs
and micro-controllers. Figure 11 shows how the
AD5362/AD5363 could be connected to the Analog Devices
Blackfin
®
DSP. The Blackfin has an integrated SPI port which
can be connected directly to the SPI pins of the AD5362 or
AD5363 and programmable I/O pins which can be used to set
or read the state of the digital input or output pins associated
with the interface.
SYNC
SCLK
SDI
SDO
CLR
LDAC
RESET
BUSY
SPISELx
SCK
MOSI
MISO
PF8
PF9
PF10
PF7
AD536x
ADSP-BF531
536x-0101
Figure 11. Interfacing to an Blackfin DSP
The Analog Devices ADSP-21065L is a floating point DSP with
two serial ports (SPORTS). Figure 12 shows how one SPORT
can be used to control the AD5362 or AD5363. In this example
the Transmit Frame Synchronization (TFS) pin is connected to
the Receive Frame Synchronization (RFS) pin. Similarly the
transmit and receive clocks (TCLK and RCLK) are also
connected together. The user can write to the AD5362 or
AD5363 by writing to the transmit register. A read operation
can be accomplished by first writing to the AD5362/AD5363 to
tell the part that a read operation is required. A second write
operation with a NOP instruction will cause the data to be read
from the AD5362/AD5363. The DSPs receive interrupt can be
used to indicate when the read operation is complete.
SYNC
SCLK
SDI
SDO
CLR
LDAC
RESET
BUSY
TFSx
RFSx
TCLKx
RCLKx
DTxA
DRxA
FLAG2
FLAG1
FLAG0
FLAG3
AD536x
536x-0101
ADSP-21065L
Figure 12. Interfacing to a ADSP-21065L DSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com