Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5362BSTZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD5362BSTZ
Description  8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5362BSTZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD5362BSTZ Datasheet HTML 17Page - Analog Devices AD5362BSTZ Datasheet HTML 18Page - Analog Devices AD5362BSTZ Datasheet HTML 19Page - Analog Devices AD5362BSTZ Datasheet HTML 20Page - Analog Devices AD5362BSTZ Datasheet HTML 21Page - Analog Devices AD5362BSTZ Datasheet HTML 22Page - Analog Devices AD5362BSTZ Datasheet HTML 23Page - Analog Devices AD5362BSTZ Datasheet HTML 24Page - Analog Devices AD5362BSTZ Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
AD5362/AD5363
Preliminary Technical Data
Rev. P
rF | Page 24 of 25
OUTLINE DIMENSIONS
PIN 1
INDICATOR
TOP
VIEW
7.75
BSC SQ
8.00
BSC SQ
1
56
14
15
43
42
28
29
6.25
6.10 SQ
5.95
0.50
0.40
0.30
0.30
0.23
0.18
0.50 BSC
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
6.50
REF
SEATING
PLANE
0.60 MAX
0.60 MAX
PIN 1
INDICATOR
COPLANARITY
0.08
0.05 MAX
0.02 NOM
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
COMPLIANT TO JEDEC STANDARDS MO-220-VLLD-2
Figure 11. 56 Lead LFCSP Package
Dimensions shown in millimeters
TOP VIEW
(PINS DOWN)
40
52
1
14
13
26
27
39
0.65
BSC
12.00 BSC
SQ
10.00
BSC SQ
0.38
0.32
0.22
1.60
MAX
SEATING
PLANE
0.75
0.60
0.45
VIEW A
0.20
0.09
1.45
1.40
1.35
0.10 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
10°
6°
2°
7°
3.5°
0°
0.15
0.05
PIN 1
COMPLIANT TO JEDEC STANDARDS MS-026BCC
Figure 12. 52 Lead LQFP Package
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD5362BCPZ
-40°C to +85°C
56-Lead LFCSP
CP-56
AD5362BSTZ
-40°C to +85°C
52-Lead LQFP
ST-52
AD5363BCPZ
-40°C to +85°C
56-Lead LFCSP
CP-56
AD5363BSTZ
-40°C to +85°C
52-Lead LQFP
ST-52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com