Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5371BBCZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD5371BBCZ
Description  40-Channel, 14-Bit Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5371BBCZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5371BBCZ Datasheet HTML 7Page - Analog Devices AD5371BBCZ Datasheet HTML 8Page - Analog Devices AD5371BBCZ Datasheet HTML 9Page - Analog Devices AD5371BBCZ Datasheet HTML 10Page - Analog Devices AD5371BBCZ Datasheet HTML 11Page - Analog Devices AD5371BBCZ Datasheet HTML 12Page - Analog Devices AD5371BBCZ Datasheet HTML 13Page - Analog Devices AD5371BBCZ Datasheet HTML 14Page - Analog Devices AD5371BBCZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Preliminary Technical Data
AD5371
Rev. P
rF | Page 11 of 25
Table 5. Pin Function Descriptions
Pin
Function
DVCC
Logic Power Supply; 2.5 V to 5.5 V. These pins should be decoupled with 0.1 µF ceramic capacitors and 10 µF
capacitors.
VSS
Negative Analog Power Supply; −4.5 V to −16.5 V for specified performance. These pins should be decoupled with 0.1
µF ceramic capacitors and 10 µF capacitors.
VDD
Positive Analog Power Supply; +8 V to +16.5 V for specified performance. These pins should be decoupled with 0.1 µF
ceramic capacitors and 10 µF capacitors.
AGND
Ground for All Analog Circuitry. All AGND pins should be connected to the AGND plane.
DGND
Ground for All Digital Circuitry. All DGND pins should be connected to the DGND plane.
VREF0
Reference Input for DACs 0 to 7. This reference voltage is referred to AGND.
VREF1
Reference Input for DACs 8 to 15. reference This voltage is referred to AGND.
VREF2
Reference Input for DACs 16 to 39. This reference voltage is referred to AGND.
VOUT0 to VOUT39
DAC Outputs. Buffered analog outputs for each of the 40 DAC channels. Each analog output is capable of driving an
output load of 10 kΩ to ground. Typical output impedance of these amplifiers is 0.5 Ω.
SYNC
Active Low or Differential SYNC Input (Complement) for SPI or LVDS Interface. This is the frame synchronization signal
for the SPI or LVDS serial interface. See SPI and LVDS timing diagrams and descriptions for more details.
SCLK
Serial Clock Input for SPI or LVDS Interface. See SPI and LVDS timing diagrams and descriptions for more details.
SDI
Serial Data Input for SPI or LVDS Interface. See SPI and LVDS timing diagrams and descriptions for more details.
SDO
Serial Data Output for SPI Interface. CMOS output. SDO can be used for readback. Data is clocked out on SDO on the
rising edge of SCLK and is valid on the falling edge of SCLK.
SYNC
Differential SYNC Input for LVDS Interface . This is the frame synchronization signal for the LVDS serial interface. See
LVDS timing diagram and description for more details.
SCLK
Differential Serial Clock Input (Complement) for LVDS Interface. See LVDS timing diagrams and descriptions for more
details.
SDI
Differential Serial Data Input (Complement) for LVDS Interface. See LVDS timing diagrams and descriptions for more
details.
CLR
Asynchronous Clear Input (level sensitive, active low). See the Clear Function section for more information
SPI/LVDS
Selects between SPI (low) or LVDS (high) serial interface.
LDAC
Load DAC Logic Input (active low). See the BUSY AND LDAC FUNCTIONS section for more information
BUSY
Digital Input/Open-Drain Output. BUSY is open-drain when an output. See the BUSY AND LDAC FUNCTIONS section
for more information
RESET
Asynchronous Digital Reset Input.
SIGGND0
Reference Ground for DACs 0 to 7. VOUT0 to VOUT7 are referenced to this voltage.
SIGGND1
Reference Ground for DACs 8 to 15. VOUT8 to VOUT15 are referenced to this voltage.
SIGGND1
Reference Ground for DACs 16 to 23. VOUT16 to VOUT23 are referenced to this voltage.
SIGGND3
Reference Ground for DACs 24 and 31. VOUT24 to VOUT31 are referenced to this voltage.
SIGGND4
Reference Ground for DACs 32 to 39. VOUT32 to VOUT39 are referenced to this voltage.
TESTI
Test Input Pin. This pin should be connected to DGND
TESTO
Test Output Pin. This pin should be left unconnected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com