Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5371BBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD5371BBCZ
Description  40-Channel, 14-Bit Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5371BBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5371BBCZ Datasheet HTML 13Page - Analog Devices AD5371BBCZ Datasheet HTML 14Page - Analog Devices AD5371BBCZ Datasheet HTML 15Page - Analog Devices AD5371BBCZ Datasheet HTML 16Page - Analog Devices AD5371BBCZ Datasheet HTML 17Page - Analog Devices AD5371BBCZ Datasheet HTML 18Page - Analog Devices AD5371BBCZ Datasheet HTML 19Page - Analog Devices AD5371BBCZ Datasheet HTML 20Page - Analog Devices AD5371BBCZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Preliminary Technical Data
AD5371
Rev. P
rF | Page 17 of 25
goes high. BUSY also goes low, for approximately 500ns,
whenever the A/B Select Registers are written to.
The BUSY pin is bidirectional and has a 50 kΩ internal pullup
resistor. Where multiple AD5371 devices may be used in one
system the BUSY pins can be tied together. This is useful where
it is required that no DAC in any device is updated until all
other DACs are ready. When each device has finished updating
the X2 (A or B) registers it will release the BUSY pin. If another
device hasn’t finished updating its X2 registers it will hold BUSY
low, thus delaying the effect of LDAC going low.
The DAC outputs are updated by taking the LDAC input low. If
LDAC goes low while BUSY is active, the LDAC event is stored
and the DAC outputs update immediately after BUSY goes
high. A user can also hold the LDAC input permanently low. In
this case, the DAC outputs update immediately after BUSY
goes high.
As described later, the AD5371 has flexible addressing that
allows writing of data to a single channel, all channels in a
group, the same channel in groups 0 to 4 or groups 1 to 4, or all
channels in the device. This means that 1, 5, 8 or 40 X2 register
values may need to be calculated and updated. As there is only
one multiplier shared between 40 channels, this task must be
done sequentially, so the length of the BUSY pulse will vary
according to the number of channels being updated.
Table 7. BUSY Pulse Widths
Action
BUSY Pulse
Width (µs max)
Loading X1A, X1B, C, or M to 1 channel
1.25
Loading X1A, X1B, C, or M to 5 channels
3.25
Loading X1A, X1B, C, or M to 8 channels
4.75
Loading X1A, X1B, C, or M to 40 channels
20.75
BUSY Pulse Width = ((Number of Channels +1) × 500ns) +250ns
The AD5371 contains an extra feature whereby a DAC register
is not updated unless its X2A or X2B register has been written
to since the last time LDAC was brought low. Normally, when
LDAC is brought low, the DAC registers are filled with the
contents of the X2A or X2B registers, depending on the setting
of the A/B Select Registers. However the AD5371 updates the
DAC register only if the X2 data has changed, thereby
removing unnecessary digital crosstalk.
POWER-DOWN MODE
The AD5371 can be powered down by setting Bit 0 in the
control register. This will turn off the DACs thus reducing the
current consumption. The DAC outputs will be connected to
their respective SIGGND potentials. The power-down mode
doesn’t change the contents of the registers and the DACs will
return to their previous voltage when the power-down bit is
cleared.
THERMAL MONITOR FUNCTION
The AD5371 can be programmed to power down the DACs if
the temperature on the die exceeds 130°C. Setting Bit 1 in the
control register (see Table 12) will enable this function. If the
die temperature exceeds 130°C the AD5371 will enter a
temperature power-down mode, which is equivalent to setting
the power-down bit in the control register. To indicate that the
AD5371 has entered temperature shutdown mode Bit 4 of the
control register is set. The AD5371 will remain in temperature
shutdown mode, even if the die temperature falls, until Bit 1 in
the control register is cleared.
TOGGLE MODE
The AD5371 has two X2 registers per channel, X2A and X2B,
which can be used to switch the DAC output between two levels
with ease. This approach greatly reduces the overhead required
by a micro-processor which would otherwise have to write to
each channel individually. When the user writes to either the
X1A ,X2A, M or C registers the calculation engine will take a
certain amount of time to calculate the appropriate X2A or X2B
values. If the application only requires that the DAC output
switch between two levels, such as a data generator, any method
which reduces the amount of calculation time encountered is
advantageous. For the data generator example the user need
only set the high and low levels for each channel once, by
writing to the X1A and X1B registers. The values of X2A and
X2B will be calculated and stored in their respective registers.
The calculation delay therefore only happens during the setup
phase, i.e. when programming the initial values. To toggle a
DAC output between the two levels it is only required to write
to the relevant A/B Select Register to set the MUX2 register bit.
Furthermore, since there are 8 MUX2 control bits per register it
is possible to update eight channels with a single write. Table 14
shows the bits that correspond to each DAC output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com