| Electronic Components Datasheet Search |
|
AD5371BBCZ Datasheet(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5371BBCZ Datasheet(HTML) 20 Page - Analog Devices |
|
20 / 25 page ![]() Preliminary Technical Data AD5371 Rev. P rF | Page 20 of 25 Table 10. Group and Channel Addressing This table shows which group(s) and which channel(s) is/are addressed for every combination of address bits A5 to A0. ADDRESS BITS A5 TO A3 000 001 010 011 100 101 110 111 000 All groups, all channels Group 0, channel 0 Group 1, channel 0 Group 2, channel 0 Group 3, channel 0 Group 4, channel 0 Groups 0,1,2,3,4 channel 0 Groups 1,2,3,4 channel 0 001 Group 0, all channels Group 0, channel 1 Group 1, channel 1 Group 2, channel 1 Group 3, channel 1 Group 4, channel 1 Groups 0,1,2,3,4 channel 1 Groups 1,2,3,4 channel 1 010 Group 1, all channels Group 0, channel 2 Group 1, channel 2 Group 2, channel 2 Group 3, channel 2 Group 4, channel 2 Groups 0,1,2,3,4 channel 2 Groups 1,2,3,4 channel 2 011 Group 2, all channels Group 0, channel 3 Group 1, channel 3 Group 2, channel 3 Group 3, channel 3 Group 4, channel 3 Groups 0,1,2,3,4 channel 3 Groups 1,2,3,4 channel 3 100 Group 3, all channels Group 0, channel 4 Group 1, channel 4 Group 2, channel 4 Group 3, channel 4 Group 4, channel 4 Groups 0,1,2,3,4 channel 4 Groups 1,2,3,4 channel 4 101 Group 4, all channels Group 0, channel 5 Group 1, channel 5 Group 2, channel 5 Group 3, channel 5 Group 4, channel 5 Groups 0,1,2,3,4 channel 5 Groups 1,2,3,4 channel 5 110 Reserved Group 0, channel 6 Group 1, channel 6 Group 2, channel 6 Group 3, channel 6 Group 4, channel 6 Groups 0,1,2,3,4 channel 6 Groups 1,2,3,4 channel 6 ADDRESS BITS A2 TO A0 111 Reserved Group 0, channel 7 Group 1, channel 7 Group 2, channel 7 Group 3, channel 7 Group 4, channel 7 Groups 0,1,2,3,4 channel 7 Groups 1,2,3,4 channel 7 SPECIAL FUNCTION MODE If the mode bits are 00, then the special function mode is selected, as shown in Table 11. Bits I21 to I16 of the serial data word select the special function, while the remaining bits are data required for execution of the special function, for example the channel address for data readback. The codes for the special functions are shown in Table 12. Table 13 shows the addresses for data readback. Table 11. Special Function Mode I23 I22 I21 I20 I19 I18 I17 I16 I15 I14 I13 I12 I11 I10 I9 I8 I7 I6 I5 I4 I3 I2 I1 I0 0 0 S5 S4 S3 S2 S1 S0 F15 F14 F13 F12 F11 F10 F9 F8 F7 F6 F5 F4 F3 F2 F1 F0 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |