Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5664ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD5664ARMZ
Description  2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5664ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD5664ARMZ Datasheet HTML 1Page - Analog Devices AD5664ARMZ Datasheet HTML 2Page - Analog Devices AD5664ARMZ Datasheet HTML 3Page - Analog Devices AD5664ARMZ Datasheet HTML 4Page - Analog Devices AD5664ARMZ Datasheet HTML 5Page - Analog Devices AD5664ARMZ Datasheet HTML 6Page - Analog Devices AD5664ARMZ Datasheet HTML 7Page - Analog Devices AD5664ARMZ Datasheet HTML 8Page - Analog Devices AD5664ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output,
Quad, 12-/16-Bit nanoDACs®
AD5624/AD5664
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Low power, quad nanoDACs
AD5664: 16 bits
AD5624: 12 bits
Relative accuracy: ±12 LSBs max
Guaranteed monotonic by design
10-lead MSOP and 3 mm × 3 mm LFCSP_WD
2.7 V to 5.5 V power supply
Power-on reset to zero
Per channel power-down
Serial interface, up to 50 MHz
APPLICATIONS
Process control
Data acquisition systems
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Programmable attenuators
FUNCTIONAL BLOCK DIAGRAM
INTERFACE
LOGIC
SCLK
SYNC
DIN
INPUT
REGISTER
DAC
REGISTER
VDD
GND
POWER-ON
RESET
STRING
DAC A
BUFFER
VREF
VOUTA
INPUT
REGISTER
DAC
REGISTER
STRING
DAC B
BUFFER
VOUTB
INPUT
REGISTER
DAC
REGISTER
STRING
DAC C
BUFFER
VOUTC
INPUT
REGISTER
DAC
REGISTER
STRING
DAC D
BUFFER
VOUTD
AD5624/AD5664
POWER-DOWN
LOGIC
Figure 1.
Table 1. Related Devices
Part No.
Description
AD5624R/AD5644R/AD5664R
2.7 V to 5.5 V quad, 12-, 14-,
16-bit DACs with internal
reference
GENERAL DESCRIPTION
The AD5624/AD5664, members of the nanoDAC family, are
low power, quad, 12-, 16-bit buffered voltage-out DACs that
operate from a single 2.7 V to 5.5 V supply and are guaranteed
monotonic by design.
The AD5624/AD5664 require an external reference voltage to
set the output range of the DAC. The part incorporates a power-
on reset circuit that ensures the DAC output powers up to 0 V
and remains there until a valid write takes place. The parts
contain a power-down feature that reduces the current
consumption of the device to 480 nA at 5 V and provides
software-selectable output loads while in power-down mode.
The low power consumption of these parts in normal operation
makes them ideally suited to portable battery-operated
equipment. The power consumption is 2.25 mW at 5 V, going
down to 2.4 μW in power-down mode.
The AD5624/AD5664 on-chip precision output amplifier allows
rail-to-rail output swing to be achieved.
The AD5624/AD5664 use a versatile 3-wire serial interface that
operates at clock rates up to 50 MHz, and are compatible with
standard SPI®, QSPI™, MICROWIRE™, and DSP interface
standards.
PRODUCT HIGHLIGHTS
1.
Relative accuracy: ±12 LSBs maximum.
2.
Available in 10-lead MSOP and 10-lead, 3 mm × 3 mm,
LFCSP_WD.
3.
Low power, typically consumes 1.32 mW at 3 V and
2.25 mW at 5 V.
4.
Maximum settling time of 4.5 μs (AD5624) and 7 μs
(AD5664).


Similar Part No. - AD5664ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5664ARMZ AD-AD5664ARMZ Datasheet
561Kb / 23P
Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
6/2018-Rev. 0 to Rev. A
AD5664ARMZ-REEL7 AD-AD5664ARMZ-REEL7 Datasheet
561Kb / 23P
Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
6/2018-Rev. 0 to Rev. A
More results

Similar Description - AD5664ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5320 AD-AD5320 Datasheet
192Kb / 12P
2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 12-Bit DAC in a SOT-23
AD5662 AD-AD5662 Datasheet
357Kb / 20P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output 16-Bit DAC D/A in a SOT-23
Oct-2004
AD5663 AD-AD5663 Datasheet
730Kb / 24P
2.7 V to 5.5 V, 250 uA, Rail-to-Rail Output, Dual 16-Bit nanoDAC
4/06-Revision 0
AD5320 AD-AD5320_05 Datasheet
410Kb / 20P
2.7 V to 5.5 V, 140 關A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5320 AD-AD5320_15 Datasheet
410Kb / 20P
2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 12-Bit DAC in an SOT-23
REV. C
AD5624 AD-AD5624_15 Datasheet
635Kb / 24P
2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
Rev. 0
AD5662 AD-AD5662_15 Datasheet
584Kb / 24P
2.7 V to 5.5 V, 250 A, Rail-to-Rail Output 16-Bit nanoDACT in a SOT-23
REV. A
AD5663 AD-AD5663_15 Datasheet
725Kb / 24P
2.7 V to 5.5 V, 250 A, Rail-to-Rail Output, Dual 16-Bit nanoDAC
REV. 0
AD5664 AD-AD5664_15 Datasheet
635Kb / 24P
2.7 V to 5.5 V, 450 A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
REV. 0
AD5624 AD-AD5624_18 Datasheet
561Kb / 23P
Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
6/2018-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com