Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5664ARMZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD5664ARMZ
Description  2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5664ARMZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5664ARMZ Datasheet HTML 7Page - Analog Devices AD5664ARMZ Datasheet HTML 8Page - Analog Devices AD5664ARMZ Datasheet HTML 9Page - Analog Devices AD5664ARMZ Datasheet HTML 10Page - Analog Devices AD5664ARMZ Datasheet HTML 11Page - Analog Devices AD5664ARMZ Datasheet HTML 12Page - Analog Devices AD5664ARMZ Datasheet HTML 13Page - Analog Devices AD5664ARMZ Datasheet HTML 14Page - Analog Devices AD5664ARMZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD5624/AD5664
Rev. 0 | Page 11 of 24
SAMPLE NUMBER
2.521
2.522
2.523
2.524
2.525
2.526
2.527
2.528
2.529
2.530
2.531
2.532
2.533
2.534
2.535
2.536
2.537
2.538
0
50
100
150
350
400
200
250
300
450
512
VDD = VREF = 5V
TA = 25°C
5ns/SAMPLE NUMBER
GLITCH IMPULSE = 9.494nV
1LSB CHANGE AROUND
MIDSCALE (0x8000 TO 0x7FFF)
Figure 22. Digital-to-Analog Glitch Impulse (Negative)
SAMPLE NUMBER
2.491
2.492
2.493
2.494
2.495
2.496
2.497
2.498
0
50
100
150
350
400
200
250
300
450
512
VDD = VREF = 5V
TA = 25°C
5ns/SAMPLE NUMBER
ANALOG CROSSTALK = 0.424nV
Figure 23. Analog Crosstalk
(Hz)
–20
–50
–80
–30
–40
–60
–70
–90
–100
2k
4k
6k
8k
10k
VDD = 5V
TA = 25°C
DAC LOADED WITH FULL SCALE
VREF = 2V ± 0.3V p-p
Figure 24. Total Harmonic Distortion
CAPACITANCE (nF)
16
14
12
10
8
6
4
01
2
3
4
5
6
7
9
810
VREF = VDD
TA = 25°C
VDD = 5V
VDD = 3V
Figure 25. Settling Time vs. Capacitive Load
1
Y AXIS = 2µV/DIV
X AXIS = 4s/DIV
VDD = VREF = 5V
TA = 25°C
DAC LOADED WITH MIDSCALE
Figure 26. 0.1 Hz to 10 Hz Output Noise Plot
FREQUENCY (Hz)
800
600
700
400
500
100
200
300
0
10
100k
10k
1k
100
1M
VDD = VREF = 5V
TA = 25°C
Figure 27. Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com