Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5664ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD5664ARMZ
Description  2.7 V to 5.5 V, 450 關A, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5664ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5664ARMZ Datasheet HTML 6Page - Analog Devices AD5664ARMZ Datasheet HTML 7Page - Analog Devices AD5664ARMZ Datasheet HTML 8Page - Analog Devices AD5664ARMZ Datasheet HTML 9Page - Analog Devices AD5664ARMZ Datasheet HTML 10Page - Analog Devices AD5664ARMZ Datasheet HTML 11Page - Analog Devices AD5664ARMZ Datasheet HTML 12Page - Analog Devices AD5664ARMZ Datasheet HTML 13Page - Analog Devices AD5664ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD5624/AD5664
Rev. 0 | Page 10 of 24
IDD (mA)
0
1
2
3
5
4
6
8
7
0.39
0.40
0.41
0.42
0.43
VDD = 3.6V
TA = 25°C
Figure 16. IDD Histogram with VDD = 3.6 V
I (mA)
0.20
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
–5
–4
–3
–2
–1
0
1
2
4
35
VDD = VREF = 5V, 3V
TA = 25°C
DAC LOADED WITH
ZERO SCALE –
SINKING CURRENT
DAC LOADED WITH
FULL SCALE –
SOURCING CURRENT
Figure 17. Headroom at Rails vs. Source and Sink Current
TEMPERATURE (°C)
0.50
0.05
0.10
0.15
0.20
0.35
0.40
0.25
0.30
0.45
0
–40
–20
0
20
40
60
80
100
TA = 25°C
VDD = VREFIN = 5V
VDD = VREFIN = 3V
Figure 18. Supply Current vs. Temperature
TIME BASE = 4µs/DIV
VDD = VREF = 5V
TA = 25°C
FULL-SCALE CODE CHANGE
0x0000 TO 0xFFFF
OUTPUT LOADED WITH 2kΩ
AND 200pF TO GND
VOUT = 909mV/DIV
1
Figure 19. Full-Scale Settling Time, 5 V
CH1 2.0V
CH2 500mV
M100µs 125MS/s
A CH1
1.28V
8.0ns/pt
VDD = VREF = 5V
TA = 25°C
VOUT
VDD
1
2
MAX(C2)
420.0mV
Figure 20. Power-On Reset to 0 V
VDD = 5V
SYNC
SLCK
VOUT
1
3
CH1 5.0V
CH3 5.0V
CH2 500mV
M400ns
A CH1
1.4V
2
Figure 21. Exiting Power-Down to Midscale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com