Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7183BKSTZ Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7183BKSTZ
Description  Multiformat SDTV Video Decoder
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183BKSTZ Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7183BKSTZ Datasheet HTML 35Page - Analog Devices ADV7183BKSTZ Datasheet HTML 36Page - Analog Devices ADV7183BKSTZ Datasheet HTML 37Page - Analog Devices ADV7183BKSTZ Datasheet HTML 38Page - Analog Devices ADV7183BKSTZ Datasheet HTML 39Page - Analog Devices ADV7183BKSTZ Datasheet HTML 40Page - Analog Devices ADV7183BKSTZ Datasheet HTML 41Page - Analog Devices ADV7183BKSTZ Datasheet HTML 42Page - Analog Devices ADV7183BKSTZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
ADV7183B
Rev. B | Page 39 of 100
SYNCHRONIZATION OUTPUT SIGNALS
HS Configuration
The following controls allow the user to configure the behavior
of the HS output pin only:
•
Beginning of HS signal via HSB[10:0]
•
End of HS signal via HSE[10:0]
•
Polarity of HS using PHS
The HS begin and HS end registers allow the user to freely
position the HS output (pin) within the video line. The values
in HSB[10:0] and HSE[10:0] are measured in pixel units from
the falling edge of HS. Using both values, the user can program
both the position and length of the HS output signal.
HSB[10:0] HS Begin, Address 0x34[6:4], Address
0x35[7:0]
The position of this edge is controlled by placing a binary
number into HSB[10:0]. The number applied offsets the edge
with respect to an internal counter that is reset to 0 immediately
after EAV Code FF, 00, 00, XY (see
205H
Figure 20). HSB is set to
00000000010b, which is 2 LLC1 clock cycles from Count[0].
The default value of HSB[10:0] is 0x002, indicating the HS pulse
starts two pixels after the falling edge of HS.
HSE[10:0] HS End, Address 0x34[2:0], Address 0x36[7:0]
The position of this edge is controlled by placing a binary
number into HSE[10:0]. The number applied offsets the edge
with respect to an internal counter that is reset to 0 immediately
after EAV Code FF, 00, 00, XY (see
206H
Figure 20). HSE is set to
00000000000b, which is 0 LLC1 clock cycles from Count[0].
The default value of HSE[9:0] is 000, indicating that the HS
pulse ends zero pixels after falling edge of HS.
For example:
1.
To shift the HS toward active video by 20 LLC1s, add
20 LLC1s to both HSB and HSE, that is, HSB[10:0] =
[00000010110], HSE[10:0] = 00000010100].
2.
To shift the HS away from active video by 20 LLC1s, add
1696 LLC1s to both HSB and HSE (for NTSC), that is,
HSB[10:0] = [11010100010], HSE[10:0] = [11010100000].
1696 is derived from the NTSC total number of pixels =
1716.
To move 20 LLC1s away from active video is equal to
subtracting 20 from 1716 and adding the result in binary to
both HSB[10:0] and HSE[10:0].
PHS Polarity HS, Address 0x37[7]
The polarity of the HS pin can be inverted using the PHS bit.
When PHS is 0 (default), HS is active high.
When PHS is 1, HS is active low.
Table 55. HS Timing Parameters (see
207H
Figure 20)
Characteristic
Standard
HS Begin Adjust
(HSB[10:0])
(Default)
HS End Adjust
(HSE[10:0]) (Default)
HS to Active Video
(LLC1 Clock Cycles)
(C in
208H
Figure 20) (Default)
Active Video
Samples/Line
(D in
209H
Figure 20)
Total LLC1
Clock Cycles
(E in
210H
Figure 20)
NTSC
00000000010b
00000000000b
272
720Y + 720C = 1440
1716
NTSC Square Pixel
00000000010b
00000000000b
276
640Y + 640C = 1280
1560
PAL
00000000010b
00000000000b
284
720Y + 720C = 1440
1728
E
ACTIVE
VIDEO
LLC1
PIXEL
BUS
HS
Cr
Y
FF
00
00
XY
80
10
80
10
80
10
FF
00
00
XY
Cb
Y
Cr
Y
Cb
Y
Cr
4 LLC1
D
HSB[10:0]
HSE[10:0]
C
E
D
SAV
ACTIVE VIDEO
H BLANK
EAV
Figure 20. HS Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com