Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7183BKSTZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7183BKSTZ
Description  Multiformat SDTV Video Decoder
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183BKSTZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7183BKSTZ Datasheet HTML 17Page - Analog Devices ADV7183BKSTZ Datasheet HTML 18Page - Analog Devices ADV7183BKSTZ Datasheet HTML 19Page - Analog Devices ADV7183BKSTZ Datasheet HTML 20Page - Analog Devices ADV7183BKSTZ Datasheet HTML 21Page - Analog Devices ADV7183BKSTZ Datasheet HTML 22Page - Analog Devices ADV7183BKSTZ Datasheet HTML 23Page - Analog Devices ADV7183BKSTZ Datasheet HTML 24Page - Analog Devices ADV7183BKSTZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
ADV7183B
Rev. B | Page 21 of 100
SYNC PROCESSING
The ADV7183B extracts syncs embedded in the video data
stream. There is currently no support for external HS/VS
inputs. The sync extraction has been optimized to support
imperfect video sources such as VCRs with head switches. The
actual algorithm used employs a coarse detection based on a
threshold crossing followed by a more detailed detection using
an adaptive interpolation algorithm. The raw sync information
is sent to a line-length measurement and prediction block. The
output of this is then used to drive the digital resampling
section to ensure the ADV7183B outputs 720 active pixels per
line.
The sync processing on the ADV7183B also includes the
following specialized postprocessing blocks that filter and
condition the raw sync information retrieved from the digitized
analog video.
•
Vsync Processor. This block provides extra filtering of the
detected Vsyncs to give improved vertical lock.
•
Hsync Processor. The Hsync processor is designed to filter
incoming Hsyncs that are corrupted by noise, providing
much improved performance for video signals with stable
time base but poor SNR.
VBI DATA RECOVERY
The ADV7183B can retrieve the following information from the
input video:
•
Wide-screen signaling (WSS)
•
Copy generation management system (CGMS)
•
Closed caption (CC)
•
Macrovision protection presence
•
EDTV data
•
Gemstar-compatible data slicing
The ADV7183B is also capable of automatically detecting the
incoming video standard with respect to
•
Color subcarrier frequency
•
Field rate
•
Line rate
The SPD can configure itself to support PAL-B/G/H/I/D,
PAL-M/N, PAL-combination N, NTSC-M, NTSC-J, SECAM
50 Hz/60 Hz, NTSC4.43, and PAL60.
GENERAL SETUP
Video Standard Selection
The VID_SEL[3:0] bits allows the user to force the digital core
into a specific video standard. Under normal circumstances,
this should not be necessary. The VID_SEL[3:0] bits default to
an autodetection mode that supports PAL, NTSC, SECAM, and
variants thereof. The following section describes the autodetec-
tion system.
Autodetection of SD Modes
To guide the autodetection system, individual enable bits are
provided for each of the supported video standards. Setting the
relevant bit to 0 inhibits the standard from being detected
automatically. Instead, the system picks the closest of the
remaining enabled standards. The results of the autodetection
can be read back via the status registers. See the
169H
Global Status
Registers section for more information.
VID_SEL[3:0] Address 0x00[7:4]
Table 18. VID_SEL Function
VID_SEL
Description
0000 (default)
Autodetect (PAL BGHID) <–> NTSC J
(no pedestal), SECAM
0001
Autodetect (PAL BGHID) <–> NTSC M
(pedestal), SECAM
0010
Autodetect (PAL N) (pedestal) <–> NTSC J
(no pedestal), SECAM
0011
Autodetect (PAL N) (pedestal) <–> NTSC M
(pedestal), SECAM
0100
NTSC-J (1)
0101
NTSC-M (1)
0110
PAL60
0111
NTSC-.43 (1)
1000
PAL-B/G/H/I/D
1001
PAL-N (= PAL BGHID (with pedestal))
1010
PAL-M (without pedestal)
1011
PAL-M
1100
PAL-Combination N
1101
PAL COMBINATION N (with pedestal)
1110
SECAM
1111
SECAM (with pedestal)
AD_SEC525_EN Enable Autodetection of SECAM 525
Line Video, Address 0x07[7]
Setting AD_SEC525_EN to 0 (default) disables the autodetection
of a 525-line system with a SECAM style, FM-modulated color
component.
Setting AD_SEC525_EN to 1 enables the detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com