Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7183BKSTZ Datasheet(PDF) 81 Page - Analog Devices

Part # ADV7183BKSTZ
Description  Multiformat SDTV Video Decoder
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183BKSTZ Datasheet(HTML) 81 Page - Analog Devices

Back Button ADV7183BKSTZ Datasheet HTML 77Page - Analog Devices ADV7183BKSTZ Datasheet HTML 78Page - Analog Devices ADV7183BKSTZ Datasheet HTML 79Page - Analog Devices ADV7183BKSTZ Datasheet HTML 80Page - Analog Devices ADV7183BKSTZ Datasheet HTML 81Page - Analog Devices ADV7183BKSTZ Datasheet HTML 82Page - Analog Devices ADV7183BKSTZ Datasheet HTML 83Page - Analog Devices ADV7183BKSTZ Datasheet HTML 84Page - Analog Devices ADV7183BKSTZ Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 100 page
background image
ADV7183B
Rev. B | Page 81 of 100
Bits
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
Comments
Notes
Reserved
0
1
0
0
0
0
Set to default.
0
SFL compatible with
ADV7190/ADV7191/
ADV7194 encoders.
SFL_INV. Controls the behavior of
the PAL switch bit.
1
SFL compatible with
ADV717x/ADV7173x
encoders.
0x41
Resample
Control
Reserved
0
Set to default.
0x48
Gemstar
Control 1
GDECEL[15:8]. See the Comments
column.
0
0
0
0
0
0
0
0
0x49
Gemstar
Control 2
GDECEL[7:0]. See Comments
column.
0
0
0
0
0
0
0
0
GDECEL[15:0]. 16
individual enable bits that
select the lines of video
(even field Lines 10 to 25)
that the decoder checks
for Gemstar-compatible
data.
LSB = Line 10;
MSB = Line 25.
Default = Do not
check for Gemstar-
compatible data on
any lines[10 to 25] in
even fields.
0x4A
Gemstar
Control 3
GDECOL[15:8]. See the Comments
column.
0
0
0
0
0
0
0
0
0x4B
Gemstar
Control 4
GDECOL[7:0]. See Comments
column.
0
0
0
0
0
0
0
0
GDECOL[15:0]. 16
individual enable bits that
select the lines of video
(odd field lines 10 to 25)
that the decoder checks
for Gemstar-compatible
data.
LSB = Line 10;
MSB = Line 25.
Default = Do not
check for Gemstar-
compatible data on
any lines[10 to 25] in
odd fields.
0
Split data into half byte.
To avoid 00/FF code.
GDECAD. Controls the manner in
which decoded Gemstar data is
inserted into the horizontal blanking
period.
1
Output in straight 8-bit
format.
0x4C
Gemstar
Control 5
Reserved
x
x
x
x
x
x
x
Undefined.
0
Disable CTI.
CTI_EN. CTI enable.
1Enable CTI.
0
Disable CTI alpha blender.
CTI_AB_EN. Enables the mixing of
the transient improved chroma with
the original signal.
1
Enable CTI alpha blender.
0
0
Sharpest mixing.
0
1
Sharp mixing.
1
0
Smooth.
CTI_AB[1:0]. Controls the behavior
of the alpha-blend circuitry.
1
1
Smoothest.
Reserved
0
Set to default.
0
Bypass the DNR block.
DNR_EN. Enable or bypass the DNR
block.
1
Enable the DNR block.
0x4D
CTI DNR
Control 1
Reserved
1
1
Set to default.
0x4E
CTI DNR
Control 2
CTI_CTH[7:0]. Specifies how big the
amplitude step must be to be
steepened by the CTI block.
0
0
0
0
1
0
0
0
0x50
CTI DNR
Control 4
DNR_TH[7:0]. Specifies the
maximum edge that is interpreted
as noise and is therefore blanked.
0 0
0
0
1
0
0
0
Set to 0x04 for A/V input;
set to 0x0A for tuner
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com