Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7641BSTZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD7641BSTZ
Description  18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7641BSTZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7641BSTZ Datasheet HTML 6Page - Analog Devices AD7641BSTZ Datasheet HTML 7Page - Analog Devices AD7641BSTZ Datasheet HTML 8Page - Analog Devices AD7641BSTZ Datasheet HTML 9Page - Analog Devices AD7641BSTZ Datasheet HTML 10Page - Analog Devices AD7641BSTZ Datasheet HTML 11Page - Analog Devices AD7641BSTZ Datasheet HTML 12Page - Analog Devices AD7641BSTZ Datasheet HTML 13Page - Analog Devices AD7641BSTZ Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AD7631/AD7634
Preliminary Technical Data
Rev. PrC | Page 12 of 14
Pin
No.
Mnemonic
Type1
Description
38
REFGND
AI
Reference Input Analog Ground.
39
IN−
AI
Differential Negative Analog Input; referenced to IN+.
40
VCC
P
High Voltage Positive Supply.
41
VEE
P
High Voltage Negative Supply.
43
IN+
AI
Differential Positive Analog Input; referenced to IN-.
45
TEMP
AO
Temperature Sensor Analog Output.
46
REFBUFIN
AI/O
Reference Buffer Input.
When using an external reference with the internal buffer (PDBUF = low, PDREF = high), applying 2.5V
on this pin produces 5V on the REF pin.
When using the internal reference (PDBUF = PDREF = low), this pin should not be connected.
47
PDREF
DI
Internal Reference Power-Down Input.
When low, the internal reference is enabled (PDBUF also needs to be low).
When high, the internal reference is powered down and an external reference must been used.
48
PDBUF
DI
Internal Reference Buffer Power-Down Input.
When low, the buffer is enabled (PDREF also needs to be low).
When high, the buffer is powered-down and an external reference must be used.
1 AI = analog input; AI/O = bidirectional analog; AO = analog output; DI = digital input; DI/O = bidirectional digital; DO = digital output; P = power.
Table 7. Data Bus Interface Definition
MODE
MODE1
MODE0
D0/OB/2C
D1/A0
D2/A1
D[3]
D[4:9]
D[10:11]
D[12:15]
D[16:17]
Description
0
0
0
R[0]
R[1]
R[2]
R[3]
R[4:9]
R[10:11]
R[12:15]
R[16:17]
18-Bit Parallel
1
0
1
OB/2C
A0 = 0
R[2]
R[3]
R[4:9]
R[10:11]
R[12:15]
R[16:17]
16-Bit High Word
1
0
1
OB/2C
A0 = 1
R[0]
R[1]
All Zeros
16-Bit Low Word
2
1
0
OB/2C
A0 = 0
A1 = 0
All Hi-Z
R[10:11]
R[12:15]
R[16:17]
8-Bit High Byte
2
1
0
OB/2C
A0 = 0
A1 = 1
All Hi-Z
R[2:3]
R[4:7]
R[8:9]
8-Bit Mid Byte
2
1
0
OB/2C
A0 = 1
A1 = 0
All Hi-Z
R[0:1]
All Zeros
8-Bit Low Byte
2
1
0
OB/2C
A0 = 1
A1 = 1
All Hi-Z
All Zeros
R[0:1]
8-Bit Low Byte
3
1
1
OB/2C
All Hi-Z
Serial Interface
Serial Interface
Table 8. Input Range Selection. Parallel Mode and Serial Hardware Mode
Range
BIP
TEN
HW/SW (serial
mode)
0 - 5V
Low
Low
High
0 - 10V
Low
High
High
±5V
High
Low
High
±10V
High
High
High
All Ranges1
X
X
Low
1 In serial mode (MODE[1:0] = 3) when HW/SW = low, the input ranges are defined by registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com