Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8024 Datasheet(PDF) 5 Page - Analog Devices

Part # LTM8024
Description  Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8024 Datasheet(HTML) 5 Page - Analog Devices

  LTM8024 Datasheet HTML 1Page - Analog Devices LTM8024 Datasheet HTML 2Page - Analog Devices LTM8024 Datasheet HTML 3Page - Analog Devices LTM8024 Datasheet HTML 4Page - Analog Devices LTM8024 Datasheet HTML 5Page - Analog Devices LTM8024 Datasheet HTML 6Page - Analog Devices LTM8024 Datasheet HTML 7Page - Analog Devices LTM8024 Datasheet HTML 8Page - Analog Devices LTM8024 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTM4709
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VIN PSRR with Various VIN – VOUT
VIN PSRR with Various Load Current
VIN PSRR with Various COUT
VIN PSRR with Various VBIAS
VIN PSRR with Various CREF
VIN PSRR with 4.7μF CREF and
Various VIN – VOUT
Load Transient Response with
10μF COUT
Load Transient Response with
22μF COUT
Start-Up with Full Load
TA = 25°C, unless otherwise noted.
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
20
40
60
80
100
120
4709 G01
VIN = 1.2V
VIN = 1.3V
VIN = 1.4V
VOUT = 1V, ILOAD = 3A,
VBIAS = 5V, COUT = 22 F,
NO CREF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
20
40
60
80
100
120
4709 G02
ILOAD = 1A
ILOAD = 2A
ILOAD = 3A
VIN = 1.3V, VOUT = 1V,
VBIAS = 5V, COUT = 22 F,
NO CREF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
20
40
60
80
100
120
4709 G03
COUT = 10 F
COUT = 22 F
VIN = 1.3V, VOUT = 1V,
ILOAD = 3A, VBIAS = 5V,
NO CREF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
20
40
60
80
100
120
4709 G04
VBIAS = 2.375V
VBIAS = 3V
VBIAS = 5V
VIN = 1.3V, VOUT = 1V,
ILOAD = 3A, COUT = 22 F,
NO CREF
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
20
40
60
80
100
120
4709 G05
NO CREF
CREF = 4.7 F
VIN = 1.3V, VOUT = 1V,
ILOAD = 3A, VBIAS = 5V,
COUT = 22 F
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
0
20
40
60
80
100
120
4709 G06
VIN = 1.2V
VIN = 1.3V
VIN = 1.4V
VOUT = 1V, ILOAD = 3A,
VBIAS = 5V, COUT = 22 F,
CREF = 4.7 F
VOUT
20mV/DIV
IOUT
2A/DIV
4709 G07
5 s/DIV
VIN = 1.3V, VOUT = 1V, VBIAS = 5V
COUT = 10F CERAMIC CAPACITOR
NO EXTERNAL VREF CAPACITOR
LOAD STEP 0.3A TO 3A WITH SLEW
RATE OF 3A/ s
VOUT
20mV/DIV
IOUT
2A/DIV
4709 G08
5 s/DIV
VIN = 1.3V, VOUT = 1V, VBIAS = 5V
COUT = 22F CERAMIC CAPACITOR
NO EXTERNAL VREF CAPACITOR
LOAD STEP 0.3A TO 3A WITH SLEW
RATE OF 3A/ s
VOUT
500mV/DIV
IOUT
2A/DIV
4709 G09
200 s/DIV
VIN = 1.3V, VOUT = 1V, VBIAS = 5V
COUT = 10F CERAMIC CAPACITOR
NO EXTERNAL VREF CAPACITOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com